Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA679TB Datasheet(PDF) 8 Page - NEC

Part # UPA679TB
Description  N/P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA679TB Datasheet(HTML) 8 Page - NEC

Back Button UPA679TB Datasheet HTML 2Page - NEC UPA679TB Datasheet HTML 3Page - NEC UPA679TB Datasheet HTML 4Page - NEC UPA679TB Datasheet HTML 5Page - NEC UPA679TB Datasheet HTML 6Page - NEC UPA679TB Datasheet HTML 7Page - NEC UPA679TB Datasheet HTML 8Page - NEC UPA679TB Datasheet HTML 9Page - NEC UPA679TB Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet G16615EJ1V0DS
8
µµµµ PA679TB
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
1
2
3
4
-50
0
50
100
150
Pulsed
VGS =
−2.5 V, ID = −0.15 A
VGS =
−4.0 V, ID = −0.20 A
VGS =
−4.5 V, ID = −0.20 A
Tch - Channel Temperature - °C
0
1
2
3
4
0
- 2
- 4
- 6
- 8
- 10
- 12
ID =
−0.20 A
Pulsed
VGS - Gate to Source Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
0
1
2
3
4
- 0.01
- 0.1
- 1
- 10
VGS =
−4.5 V
Pulsed
−25°C
25
°C
75
°C
TA = 125
°C
ID - Drain Current - A
0
1
2
3
4
- 0.01
- 0.1
- 1
- 10
VGS =
−4.0 V
Pulsed
−25°C
25
°C
75
°C
TA = 125
°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
CAPACITANCE vs. DRAIN TO SOURCE
VOLTAGE
0
1
2
3
4
- 0.01
- 0.1
- 1
- 10
VGS =
−2.5 V
Pulsed
TA = 125
°C
75
°C
25
°C
−25°C
ID - Drain Current - A
1
10
100
- 0.1
- 1
- 10
- 100
VGS = 0 V
f = 1.0 MHz
C iss
C oss
C rss
VDS - Drain to Source Voltage - V


Similar Part No. - UPA679TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA679TB RENESAS-UPA679TB Datasheet
278Kb / 12P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - UPA679TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA679TB RENESAS-PA679TB_15 Datasheet
278Kb / 12P
   N/P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com