Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1820 Datasheet(PDF) 5 Page - NEC

Part # UPA1820
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1820 Datasheet(HTML) 5 Page - NEC

  UPA1820 Datasheet HTML 1Page - NEC UPA1820 Datasheet HTML 2Page - NEC UPA1820 Datasheet HTML 3Page - NEC UPA1820 Datasheet HTML 4Page - NEC UPA1820 Datasheet HTML 5Page - NEC UPA1820 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Data Sheet G16274EJ1V0DS
5
µµµµPA1820
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
0
5
10
15
20
0.01
0.1
1
10
100
4.5 V
VGS = 2.5 V
4.0 V
ID = 6.0 A
Pulsed
100
1000
10000
0.1
1
10
100
V GS = 0 V
f= 1.0 M H z
C iss
C oss
C rss
ID - Drain Current - A
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
10
100
1000
0.1
1
10
100
VDD = 10 V
VGS = 4.0 V
RG = 10
td(off)
td(on)
tf
tr
0.01
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
VGS = 0 V
Pulsed
ID - Drain Current - A
VF(S-D) - Source to Drain Voltage - V
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
0
1
2
3
4
5
0
5
10
15
20
25
30
35
ID = 12 A
VDD = 4.0 V
10 V
16 V
QG - Gate Charge - nC


Similar Part No. - UPA1820

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1820 RENESAS-UPA1820 Datasheet
291Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2002
UPA1820GR-9JG RENESAS-UPA1820GR-9JG Datasheet
291Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2002
More results

Similar Description - UPA1820

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com