Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1873 Datasheet(PDF) 4 Page - NEC

Part # UPA1873
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1873 Datasheet(HTML) 4 Page - NEC

  UPA1873 Datasheet HTML 1Page - NEC UPA1873 Datasheet HTML 2Page - NEC UPA1873 Datasheet HTML 3Page - NEC UPA1873 Datasheet HTML 4Page - NEC UPA1873 Datasheet HTML 5Page - NEC UPA1873 Datasheet HTML 6Page - NEC UPA1873 Datasheet HTML 7Page - NEC UPA1873 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet G15629EJ1V0DS
4
µµµµPA1873
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0.01
10
100
ID - Drain Current - A
TA = 125˚C
40
30
20
10
VGS = 2.5 V
Pulsed
75˚C
25˚C
−25˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0.01
10
100
ID - Drain Current - A
40
30
20
10
VGS = 3.1 V
Pulsed
TA = 125˚C
75˚C
25˚C
−25˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0.01
10
100
ID - Drain Current - A
40
30
20
10
VGS = 4.0 V
Pulsed
TA = 125˚C
75˚C
25˚C
−25˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
1
0.1
0.01
10
100
ID - Drain Current - A
40
30
20
10
VGS = 4.5 V
Pulsed
TA = 125˚C
75˚C
25˚C
−25˚C
40
30
20
10
−50
050
100
150
Pulsed
Tch - Channel Temperature - ˚C
ID = 3 A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
3.1 V
4.0 V
4.5 V
VGS = 2.5 V
0246810
12
60
50
40
30
20
0
VGS - Gate to Source Voltage - V
ID = 3.0 A
Pulsed
10
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE


Similar Part No. - UPA1873

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1873 RENESAS-UPA1873 Datasheet
201Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
UPA1873GR-9JG RENESAS-UPA1873GR-9JG Datasheet
201Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - UPA1873

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com