Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1980TE Datasheet(PDF) 7 Page - NEC

Part # UPA1980TE
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1980TE Datasheet(HTML) 7 Page - NEC

  UPA1980TE Datasheet HTML 1Page - NEC UPA1980TE Datasheet HTML 2Page - NEC UPA1980TE Datasheet HTML 3Page - NEC UPA1980TE Datasheet HTML 4Page - NEC UPA1980TE Datasheet HTML 5Page - NEC UPA1980TE Datasheet HTML 6Page - NEC UPA1980TE Datasheet HTML 7Page - NEC UPA1980TE Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet G16550EJ1V0DS
7
µµµµ PA1980
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
0.01
0.1
1
10
0.6
0.8
1
1.2
1.4
VGS = 0 V
Pulsed
VF(S-D) - Source to Drain Voltage - V
SCHOTTKY BARRIER DIODE TYPICAL CHARACTERISTICS (TA = 25°C)
FORWARD CURRENT vs. FORWARD VOLTAGE
REVERSE CURRENT vs. REVERSE VOLTAGE
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
Pulsed
–25°C
25°C
75°C
T A = 125°C
VF - Forward Voltage - V
0.001
0.01
0.1
1
10
100
1000
10000
0
1020
3040
50
Puls ed
–25°C
25°C
75°C
T A = 125°C
VR - Reverse Voltage - V
TERMINAL CAPACITANCE vs. REVERSE VOLTAGE
0
20
40
60
80
100
120
140
0
10203040
50
f = 1.0 MHz
VR - Reverse Voltage - V


Similar Part No. - UPA1980TE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1980TE RENESAS-UPA1980TE Datasheet
215Kb / 10P
   MOS FET WITH SCHOTTKY BARRIER DIODE
2003
logo
VBsemi Electronics Co.,...
UPA1980TE VBSEMI-UPA1980TE Datasheet
573Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - UPA1980TE

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com