Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA2708TP-E2 Datasheet(PDF) 4 Page - NEC

Part # UPA2708TP-E2
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA2708TP-E2 Datasheet(HTML) 4 Page - NEC

  UPA2708TP-E2 Datasheet HTML 1Page - NEC UPA2708TP-E2 Datasheet HTML 2Page - NEC UPA2708TP-E2 Datasheet HTML 3Page - NEC UPA2708TP-E2 Datasheet HTML 4Page - NEC UPA2708TP-E2 Datasheet HTML 5Page - NEC UPA2708TP-E2 Datasheet HTML 6Page - NEC UPA2708TP-E2 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet G17034EJ1V0DS
4
µ PA2708TP
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
VDS = 10 V
Pulsed
Tch - Channel Temperature -
°C
0.1
1
10
100
0.01
0.1
1
10
100
Tch =
−55°C
25°C
75°C
150°C
VDS = 10 V
Pulsed
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
5
10
15
20
0.1
1
10
100
10 V
VGS = 4.5 V
Pulsed
ID - Drain Current - A
0
5
10
15
20
0
5
10
15
20
ID = 9.0 A
Pulsed
VGS - Gate to Source Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
5
10
15
-50
0
50
100
150
VGS = 4.5 V
10 V
ID = 9.0 A
Pulsed
Tch - Channel Temperature - °C
10
100
1000
10000
0.1
1
10
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V


Similar Part No. - UPA2708TP-E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2708TP-E2 RENESAS-UPA2708TP-E2 Datasheet
359Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2004
UPA2708TP-E2-AZ RENESAS-UPA2708TP-E2-AZ Datasheet
359Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2004
More results

Similar Description - UPA2708TP-E2

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com