Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6513H-1ELF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 71M6513H-1ELF
Description  71M6513
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

71M6513H-1ELF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  71M6513H-1ELF Datasheet HTML 1Page - List of Unclassifed Manufacturers 71M6513H-1ELF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
71M6513
71M6513H
TDK Semiconductor’s Power Meter ICs
Applications
Industrial Meters
Commercial Meters
Residential Meters
The TDK 71M6513 is a highly integrated SOC with an MCU core, RTC, FLASH and LCD driver.
TDK's Single Converter Technologywith a 21bit 2nd order delta-sigma ADC, 6 analog inputs,
digital temperature compensation, precision voltage reference and 32 bit computation engine
supports a wide range of polyphase metering applications with very few low cost external com-
ponents. A 32kHz crystal timebase for the entire system and internal battery backup support for
RAM and RTC further reduce system cost.
Maximum design flexibility is supported with multiple UARTs, I2C, power fail comparator,
5V LCD charge pump, up to 22 DIO pins and in-system programmable FLASH which can be
updated with data or application code in operation. Easy conversion to ROM offers unprec-
edented cost structure for high volume applications. The device is offered in high (0.1%) and
low (0.5%) accuracy versions for multifunction residential/commercial meter applications
requiring multiple voltage/current inputs, larger LCD or DIO features.
A complete array of ICE and development tools, programming libraries and reference designs
enable rapid development and certification of meters that meet most demanding worldwide
electricity metering standards.
Features
< 0.1% WH accuracy over 2000:1 range (71M6513H version)
Exceeds IEC61036 / IEC62053 / ANSIC12.20
Voltage reference < 10ppm/°C spec (71M6513H version)
Six sensor inputs-VDD referenced
Four quadrant metering
Voltage angles-phase sequence
Digital temperature compensation
21bit 2nd-order delta-sigma ADC
Independent 32bit compute engine
Low jitter pulse outputs
40-70Hz line frequency range


Similar Part No. - 71M6513H-1ELF

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
71M6511 TERIDIAN-71M6511 Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511-DB TERIDIAN-71M6511-DB Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
71M6511-IGT TERIDIAN-71M6511-IGT Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
71M6511-IGT TERIDIAN-71M6511-IGT Datasheet
2Mb / 115P
   Demo Board User’s Manual
Revision 5.4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com