Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA2753GR Datasheet(PDF) 2 Page - NEC

Part # UPA2753GR
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA2753GR Datasheet(HTML) 2 Page - NEC

  UPA2753GR Datasheet HTML 1Page - NEC UPA2753GR Datasheet HTML 2Page - NEC UPA2753GR Datasheet HTML 3Page - NEC UPA2753GR Datasheet HTML 4Page - NEC UPA2753GR Datasheet HTML 5Page - NEC UPA2753GR Datasheet HTML 6Page - NEC UPA2753GR Datasheet HTML 7Page - NEC UPA2753GR Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet G15782EJ1V0DS
2
µµµµPA2753GR
ELECTRICAL CHARACTERISTICS (TA = 25°C, All terminals are connected.)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
10
µA
Gate Leakage Current
IGSS
VGS =
±18 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 4.0 A
3.0
5.5
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 4.0 A
17.1
21.4
m
RDS(on)2
VGS = 4.5 V, ID = 4.0 A
23.3
31.6
m
RDS(on)3
VGS = 4.0 V, ID = 4.0 A
26.7
36.4
m
Input Capacitance
Ciss
VDS = 10 V
620
pF
Output Capacitance
Coss
VGS = 0 V
160
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
100
pF
Turn-on Delay Time
td(on)
VDD = 15 V, ID = 4.0 A
11.2
ns
Rise Time
tr
VGS = 10 V
7.0
ns
Turn-off Delay Time
td(off)
RG = 10
33.0
ns
Fall Time
tf
6.7
ns
Total Gate Charge
QG
VDD = 24 V
14.9
nC
Gate to Source Charge
QGS
VGS = 10 V
2.2
nC
Gate to Drain Charge
QGD
ID = 8.0 A
4.3
nC
Body Diode Forward Voltage
VF(S-D)
IF = 8.0 A, VGS = 0 V
0.86
V
Reverse Recovery Time
trr
IF = 8.0 A, VGS = 0 V
25
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs18
nC
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
→ 0 V
PG.
RG = 25
50
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
= 1 s
Duty Cycle
≤ 1%
τ
µ
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Similar Part No. - UPA2753GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2753GR RENESAS-UPA2753GR Datasheet
295Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - UPA2753GR

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com