Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHV2800 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AHV2800
Description  Hybrid - High Reliability DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AHV2800 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  AHV2800 Datasheet HTML 1Page - List of Unclassifed Manufacturers AHV2800 Datasheet HTML 2Page - List of Unclassifed Manufacturers AHV2800 Datasheet HTML 3Page - List of Unclassifed Manufacturers AHV2800 Datasheet HTML 4Page - List of Unclassifed Manufacturers AHV2800 Datasheet HTML 5Page - List of Unclassifed Manufacturers AHV2800 Datasheet HTML 6Page - List of Unclassifed Manufacturers AHV2800 Datasheet HTML 7Page - List of Unclassifed Manufacturers AHV2800 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
©Lambda Advanced Analog
The information in this data sheet has been carefully checked and is believed to be accurate; however no
responsibility is assumed for possible errors. These specifications are subject to change without notice.
9848
LAMBDA ADVANCED ANALOG INC. λ MIL-PRF-38534 Certified
ISO9001 Registered
2270 Martin Avenue
Santa Clara CA 95050-2781
(408) 988-4930 FAX (408) 988-2702
8
APPLICATION INFORMATION
Inhibit function
Connecting the inhibit pin (Pin 2 of single and dual
models, pin 8 of triple models) to the input return (Pin 10)
will cause the converter to shut down and operate in a low
power standby mode. Power consumption in this mode is
calculated by multiplying Vin times the input current
inhibited, typically 225mw at Vin equal to 28 volts. The
input current inhibited is relatively constant with changes
in Vin. The open circuit inhibit pin voltage is typically
11.5 volts and can be conveniently driven by an open
collector driver. An internal pullup resistor enables the
user to leave this pin floating if the inhibit function is not
used in their particular application.
All models use
identical inhibit internal circuits. Forcing inhibit pin to
any voltage between 0 and 6 volts will assure the
converter is inhibited.
The input current to this pin is
500
µa maximum at Vpin2 = to 0 volts. The converter can
be turned on by opening Pin 2 or forcing a voltage from
10 to 50 volts. Inhibit pin current from 10 to 50 volts is
less than ±50
µa.
EMI Filter
An optional EMI filter (AFC461) will reduce the input
ripple current to levels below the limits imposed by MIL-
STD-461 CEO3
*Output Adjust (Single Output Models Only)
The output voltage of the AHV28XXS can be adjusted
upward by connecting Output Adjust (Pin 3) and Output
Common (Pin 4) as shown in Table 1.
Resistance, ohm
Pin 3 to 4
Output Voltage Increase, %
5V
12V
15V
x
0
0
0
390 K
+1.0 %
+1.6%
+1.7 %
145 K
+2.0 %
+3.2 %
+3.4 %
63 K
+3.1 %
+4.9 %
+5.1 %
22 K
+4.1 %
+6.5 %
+6.8 %
0
+5.0 %
+7.9 %
+8.3 %
Table 1: Output Adjustment Resistor Values


Similar Part No. - AHV2800

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHV2800 IRF-AHV2800 Datasheet
182Kb / 9P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
AHV2800 IRF-AHV2800_15 Datasheet
182Kb / 9P
   HYBRID-HIGH RELIABILITY DC-DC CONVERTER
More results

Similar Description - AHV2800

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVFL2800D DELTA-DVFL2800D Datasheet
370Kb / 19P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVFL2800S DELTA-DVFL2800S Datasheet
384Kb / 21P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHF2800S DELTA-DVHF2800S Datasheet
322Kb / 14P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVTR2800S DELTA-DVTR2800S Datasheet
413Kb / 18P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVHE2800S DELTA-DVHE2800S Datasheet
421Kb / 16P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
DVSA2800S DELTA-DVSA2800S Datasheet
283Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
logo
International Rectifier
ATW2812D IRF-ATW2812D Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
ATR28XXS IRF-ATR28XXS Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
AHP2805DXCH IRF-AHP2805DXCH Datasheet
236Kb / 11P
   HIGH RELIABILITY HYBRID DC/DC CONVERTERS
ATW2800D IRF-ATW2800D_15 Datasheet
145Kb / 8P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
VPT, Inc.
DVCH2800D VPT-DVCH2800D Datasheet
949Kb / 13P
   HIGH RELIABILITY HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com