Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB012T2R2M Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CB012T2R2M
Description  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CB012T2R2M Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CB012T2R2M Datasheet HTML 6Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 7Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 8Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 9Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 10Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 11Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 12Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 13Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
201
5
RELIABILITY DATA
3/8
Item
Specified Value
Test Methods and Remarks
12.Adhesion of terminal
electrode
Shall not come off PC board.
LBYLBCYCBYCBCYCBLYLBHYLEM2520
Applied force
:10N to X and Y directions
Duration
:5 sec.
Test substrate
:Printed board
LEMYLBYLBCYCBYCBCYCBL
According to JIS C5102 clause 8.2.
Vibration type
:A
Directions
:2 hrs each in X, Y and Z direc-
tions. Total
:6 hrs
Frequency range
:10 to 55 to 10 Hz f1min.g
Amplitude
:1.5mm
Mounting method
:Soldering onto printed board
f
* Excluding 5N6-R10 LE
Seriesg
Recovery
:At least 1 hr of recovery under
the standard condition after the
test, followed by the measure-
ment within 2 hrs.
13.Resistance to vibra-
tion
△L/L→
WithinM5L
No significant
abnormality in
appearance.
△L/L→WithinM10L
No significant abnormality in appearance.
LEM2520
LBH1608
LB2518
LB2016
LB2012
LB1608
LBC2518
LBC2016
LBC2012
CB2518
CB2016
CB2012
CBC3225
CBC2518
CBC2016
CBC2012
CBL2012
No significant
abnormality in
appearance.


Similar Part No. - CB012T2R2M

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB017C0102JBA AVX-CB017C0102JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB017C0103 AVX-CB017C0103 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB017C0103 AVX-CB017C0103 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
More results

Similar Description - CB012T2R2M

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com