Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5224BT1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMSZ5224BT1
Description  Surface Mount Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSZ5224BT1 Datasheet(HTML) 3 Page - Motorola, Inc

  MMSZ5224BT1 Datasheet HTML 1Page - Motorola, Inc MMSZ5224BT1 Datasheet HTML 2Page - Motorola, Inc MMSZ5224BT1 Datasheet HTML 3Page - Motorola, Inc MMSZ5224BT1 Datasheet HTML 4Page - Motorola, Inc MMSZ5224BT1 Datasheet HTML 5Page - Motorola, Inc MMSZ5224BT1 Datasheet HTML 6Page - Motorola, Inc MMSZ5224BT1 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMSZ5221BT1 Series
Motorola TVS/Zener Device Data
7-3
500 mW Leadless (SOD-123) Data Sheet
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted [1]), (VF = 0.9 V Max. @ IF = 10 mA for all types)
T
Mki
Zener Voltage
VZ @ IZT
Volts
[1] [2]
Test
Current
IZT
Max Zener
Impedance [3]
Max Reverse
Leakage
Current
IR @ VR
Test
Voltage
Type
Number
Marking
Nom
Min
Max
IZT
mA
ZZT
@ IZ = IZT
ZZK
@ IZK = 0.25 mA
IR @ VR
µA
Voltage
VR
Volts
MMSZ5256BT1
M1
30
28.50
31.50
4.2
49
600
0.1
23
MMSZ5257BT1
M2
33
31.35
34.65
3.8
58
700
0.1
25
MMSZ5258BT1
M3
36
34.20
37.80
3.4
70
700
0.1
27
MMSZ5259BT1
M4
39
37.05
40.95
3.2
80
800
0.1
30
MMSZ5260BT1
M5
43
40.85
45.15
3.0
93
900
0.1
33
MMSZ5261BT1
N1
47
44.65
49.35
2.7
105
1000
0.1
36
MMSZ5262BT1
N2
51
48.45
53.55
2.5
125
1100
0.1
39
MMSZ5263BT1
N3
56
53.20
58.80
2.2
150
1300
0.1
43
MMSZ5264BT1
N4
60
57.00
63.00
2.1
170
1400
0.1
46
MMSZ5265BT1
N5
62
58.90
65.10
2.0
185
1400
0.1
47
MMSZ5266BT1
P1
68
64.60
71.40
1.8
230
1600
0.1
52
MMSZ5267BT1
P2
75
71.25
78.75
1.7
270
1700
0.1
56
MMSZ5268BT1
P3
82
77.90
86.10
1.5
330
2000
0.1
62
MMSZ5269BT1
P4
87
82.65
91.35
1.4
370
2200
0.1
68
MMSZ5270BT1
P5
91
86.45
95.55
1.4
400
2300
0.1
69
[1] Nominal zener voltage is measured with the device junction in thermal equilibrium at T
L = 30°C ± 1°C.
[2] All part numbers shown indicate a V
Z tolerance of ±5%.
[3] Z
ZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1 kHz.


Similar Part No. - MMSZ5224BT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ5224BT1 ONSEMI-MMSZ5224BT1 Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
MMSZ5224BT1 ONSEMI-MMSZ5224BT1 Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
MMSZ5224BT1G ONSEMI-MMSZ5224BT1G Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
MMSZ5224BT1G ONSEMI-MMSZ5224BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators
February, 2012 ??Rev. 11
MMSZ5224BT1G ONSEMI-MMSZ5224BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
More results

Similar Description - MMSZ5224BT1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com