Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36DY224F6R3BB2A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 36DY224F6R3BB2A
Description  Aluminum Capacitors 85 C, Large Can
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DY224F6R3BB2A Datasheet(HTML) 1 Page - Vishay Siliconix

  36DY224F6R3BB2A Datasheet HTML 1Page - Vishay Siliconix 36DY224F6R3BB2A Datasheet HTML 2Page - Vishay Siliconix 36DY224F6R3BB2A Datasheet HTML 3Page - Vishay Siliconix 36DY224F6R3BB2A Datasheet HTML 4Page - Vishay Siliconix 36DY224F6R3BB2A Datasheet HTML 5Page - Vishay Siliconix 36DY224F6R3BB2A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 42065
For technical questions contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 25-Apr-05
237
36DY
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Large Can
FEATURES
• The industry standard for large can aluminum capacitors
• Ideal for high wattage power supplies and energy storage
applications
• Capacitance values to 2.2 farads
• Largest CV available
• Highest voltage available
Fig. 1 Component Outlines.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case size
ØD x L in mm
1.375” x 1.625” [35.0 x 41.3]
to 3.00” x 8.675” [76.2 x 220.3]
Operating temperature
- 40 °C to + 85 °C
Rated capacitance
range, CR
100 µF to 2.2 µF
Tolerance on CR
- 10% to 50 %
Rated voltage range, UR
6.3 WVDC to 450 WVDC
Termination
screw thread
Life validation test
at 85 °C
2000 hours:
Δ CAP ≤ 15 % from initial
measurement.
Δ ESR ≤ 1.5 x initial
specified limit.
Δ DCL ≤ initial specified
limit
Shelf life at 85 °C
500 hours:
Δ CAP ≤ 15 % from initial
measurement.
Δ ESR ≤ 1.2 x initial
specified limit.
Δ DCL ≤ 2 x initial
specified limit
DC leakage current
I = K
K = 4.0 at + 25 °C; 32.0 at + 85 °C.
I in µA, C in µF, V in Volts
CV
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE
AMBIENT TEMPERATURE
MULTIPLIERS
+ 85 °C
1.0
+ 75 °C
1.4
+ 65 °C
1.7
+ 55 °C and below
2.0
FREQUENCY (Hz)
RATED WVDC
120
400
1000 AND UP
0 - 50
1.0
1.05
1.10
51 - 100
1.0
1.10
1.15
150 - 300
1.0
1.15
1.25
301 - 450
1.0
1.20
1.30
DIMENSIONS in inches [millimeters]
LARGE CAN CAPACITORS
CASE
CODE
NOMINAL
WITH INSULATING SLEEVE
TERMINAL
SPACING
M ± 0.016 [0.4]
TYPICAL
WEIGHT
(
Grams)
D
± 0.032 [0.8]
L
± 0.063 [1.6]
D
(Max.)
L
(Max.)
P TERMINAL
H (Max.)
AN
1.375 [35.0]
1.625 [41.0]
1.453 [36.9]
1.750 [44.5]
1.849 [47.0]
0.500 [12.7]
43.0
AY
1.375 [35.0]
1.875 [48.0]
1.453 [36.9]
2.000 [50.8]
1.099 [53.3]
0.500 [12.7]
54.0
AA
1.375 [35.0]
2.125 [54.0]
1.453 [36.9]
2.250 [57.2]
1.349 [59.7]
0.500 [12.7]
63.0
AM
1.375 [35.0]
2.625 [67.0]
1.453 [36.9]
2.750 [69.9]
1.849 [72.4]
0.500 [12.7]
82.0
AB
1.375 [35.0]
3.125 [79.0]
1.453 [36.9]
3.250 [82.6]
1.349 [85.1]
0.500 [12.7]
105.0
AL
1.375 [35.0]
3.625 [92.0]
1.453 [36.9]
3.750 [95.3]
1.849 [97.8]
0.500 [12.7]
122.0
AC
1.375 [35.0]
4.125 [105.0]
1.453 [36.9]
4.250 [108.0]
1.349 [110.5]
0.500 [12.7]
129.0
AD
1.375 [35.0]
4.625 [117.0]
1.453 [36.9]
4.750 [120.7]
1.849 [123.2]
0.500 [12.7]
162.0
AE
1.375 [35.0]
5.125 [130.0]
1.453 [36.9]
5.250 [133.4]
1.349 [125.9]
0.500 [12.7]
179.0
AF
1.375 [35.0]
5.625 [143.0]
1.453 [36.9]
5.750 [146.1]
1.849 [148.6]
0.500 [12.7]
201.0


Similar Part No. - 36DY224F6R3BB2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY224F6R3BB2A VISHAY-36DY224F6R3BB2A Datasheet
179Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 29-Aug-08
More results

Similar Description - 36DY224F6R3BB2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY VISHAY-36DY_08 Datasheet
179Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 29-Aug-08
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 18-Mar-13
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com