Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLL103-02XM Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PLL103-02XM
Description  DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLL103-02XM Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PLL103-02XM Datasheet HTML 1Page - List of Unclassifed Manufacturers PLL103-02XM Datasheet HTML 2Page - List of Unclassifed Manufacturers PLL103-02XM Datasheet HTML 3Page - List of Unclassifed Manufacturers PLL103-02XM Datasheet HTML 4Page - List of Unclassifed Manufacturers PLL103-02XM Datasheet HTML 5Page - List of Unclassifed Manufacturers PLL103-02XM Datasheet HTML 6Page - List of Unclassifed Manufacturers PLL103-02XM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PLL103-02
DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 11/07/00 Page 6
3. Electrical Specifications (Continued)
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current
(DDR-only mode)
IDD
Unloaded outputs, 133MHz
TBM
mA
Supply Current
(SDRAM mode)
IDD
Unloaded outputs, 133MHz
TBM
mA
Supply Current
IDDS
PD = 0
TBM
mA
Output Crossing
Voltage
VOC
(VDD/2)
-0.1
VDD/2
(VDD/2)+
0.1
V
Output Voltage
Swing
VOUT
1.1
VDD-0.4
V
Duty Cycle
DT
Measured @ 1.5V
45
50
55
%
Max. Operating
Frequency
66
170
MHz
Rising Edge Rate
TOR
Measured @
0.4V ~ 2.4V
1.0
1.5
2.0
V/ns
Falling Edge Rate
TOF
Measured @
2.4V ~ 0.4V
1.0
1.5
2.0
V/ns
Clock Skew ( pin to
pin )
TSKEW
All outputs equally loaded
100
ps
Stabilization Time
TST
0.1
ms
Note: TBM: To be measured


Similar Part No. - PLL103-02XM

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL103-02XM PLL-PLL103-02XM Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
More results

Similar Description - PLL103-02XM

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL103-02D PLL-PLL103-02D Datasheet
147Kb / 7P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
Abracon Corporation
ABB0302 ABRACON-ABB0302 Datasheet
63Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
logo
PhaseLink Corporation
PLL103-02 PLL-PLL103-02 Datasheet
178Kb / 6P
   DDR SDRAM Buffer for Desktop PCs with 4 DDR DIMMS
PLL103-03 PLL-PLL103-03 Datasheet
149Kb / 7P
   DDR SDRAM Buffer with 4 DDR or 3 SDR/2 DDR DIMMS
PLL103-06 PLL-PLL103-06 Datasheet
145Kb / 7P
   DDR SDRAM Buffer with 2 DDR or 3 SDRAM DIMMS
logo
Cypress Semiconductor
CY2318BNZ CYPRESS-CY2318BNZ Datasheet
96Kb / 8P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
CY2318ANZPVC-11 CYPRESS-CY2318ANZPVC-11 Datasheet
184Kb / 9P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
logo
PhaseLink Corporation
PLL103-53 PLL-PLL103-53 Datasheet
148Kb / 7P
   DDR SDRAM Buffer with 5 DDR or 3 SDR/3 DDR DIMMS
logo
Cypress Semiconductor
CY2314ANZ CYPRESS-CY2314ANZ_08 Datasheet
237Kb / 8P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Alliance Semiconductor ...
ASM2I2318ANZ ALSC-ASM2I2318ANZ Datasheet
547Kb / 13P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com