Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBC2016T470M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CBC2016T470M
Description  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CBC2016T470M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CBC2016T470M Datasheet HTML 1Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 2Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 3Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 4Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 5Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 6Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 7Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 8Page - List of Unclassifed Manufacturers CBC2016T470M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
188
アイテム一覧 PART NUMBERS
形  名
Ordering code
インダクタンス
許容差
Inductance
Tolerance
公称
インダクタンス
Inductance
hA
Hi
自己共振
周 波 数
Self-resonant
frequency
h
MHzi
min.
直流抵抗
DC
Resistance
hEi
fM
30Lg
定格電流
Rated current
h
mAi
max.
測 定
周波数
Measuring
frequency
h
MHzi
CB2012 TYPE
G
2.2
80
0.23
410
770
7.96
4.7
45
0.40
300
580
10
M
20%
32
0.5
200
520
22
16
1.70
135
280
2.52
47
11
3.70
90
190
12
形  名
Ordering code
インダクタンス
許容差
Inductance
Tolerance
公称
インダクタンス
Inductance
hA
Hi
自己共振
周 波 数
Self-resonant
frequency
h
MHzi
min.
直流抵抗
DC
Resistance
hEi
fM
30Lg
定格電流
Rated current
h
mAi
max.
測 定
周波数
Measuring
frequency
h
MHzi
CB2016 TYPE
2.2
70
0.13
510
1000
7.96
4.7
45
0.25
340
740
10.00
M
20%
32
0.5
250
520
22.00
16
1.0
165
370
2.52
47.00
11
2.4
110
240
12
G
形  名
Ordering code
インダクタンス
許容差
Inductance
Tolerance
公称
インダクタンス
Inductance
hA
Hi
自己共振
周 波 数
Self-resonant
frequency
h
MHzi
min.
直流抵抗
DC
Resistance
hEi
fM
30Lg
定格電流
Rated current
h
mAi
max.
測 定
周波数
Measuring
frequency
h
MHzi
CB2518 TYPE
2.2
68
0.09
510
1300
7.96
4.7
46
0.13
340
1100
10.00
M
20%
30
0.25
250
820
22.00
19
0.50
165
580
2.52
47.00
12
0.95
110
420
12
※一般的な小型パワーチョークコイルの定格電流としては上表の定格電流1を参考にして下さい。
※定格電流2は、DC/DCコンバータの突入電流のような、瞬時であれば通電可能な電流値です。
  自動復帰回路等を備え、半連続的に5分間以上、大電流が通電する様な回路でご利用される場合には弊社営業に御相談下さい。
 定格電流1:公称インダクタンスの–30Lを保証する電流値
 定格電流2:通電した時に部品温度がΔTW40C以内であることを保証する電流値(インダクタンス値を保証する電流ではありません)
※For rated current of ordinary small power choke coils, please refer to the rated current 1 in the above table.
※Rated current 2 is the current for instantaneous flow such as plunging current of DC/DC converter.
  In case of usage in the circuit where large current may be semicontinuously applied over 5 minutes with auto recovery circuit, etc.,
  please contact our sales section before practical application.
 Rated current 1 : Current value to guarantee –30L of nominal inductance
 Rated current 2 : Current value to guarantee component temperature within ΔTW40C with current flow.
          ( It is not the current to guarantee the inductance value.)
G
形  名
Ordering code
インダクタンス
許容差
Inductance
Tolerance
公称
インダクタンス
Inductance
hA
Hi
自己共振
周 波 数
Self-resonant
frequency
h
MHzi
min.
直流抵抗
DC
Resistance
hEi
fM
30Lg
定格電流
Rated current
h
mAi
max.
測 定
周波数
Measuring
frequency
h
MHzi
CBC2012 TYPE
2.2
70
0.33
530
640
7.96
4.7
45
0.50
360
520
10
M
20%
40
1.20
240
340
22
16
3.70
170
190
2.52
47
11
5.80
120
150
12
形  名
Ordering code
インダクタンス
許容差
Inductance
Tolerance
公称
インダクタンス
Inductance
hA
Hi
自己共振
周 波 数
Self-resonant
frequency
h
MHzi
min.
直流抵抗
DC
Resistance
hEi
fM
30Lg
定格電流
Rated current
h
mAi
max.
測 定
周波数
Measuring
frequency
h
MHzi
CBC2016TYPE
2.2
70
0.20
750
720
7.96
4.7
45
0.37
550
530
10
M
20%
40
0.82
380
410
22
16
1.80
250
240
2.52
47
11
4.30
150
150
12
CB
2012T 2R2M
CB
2012T 4R7M
CB
2012T 1 00MR
CB
2012T 2 20M
CB
2012T 4 70M
CB
2016T 2R2M
CB
2016T 4R7M
CB
2016T 1 00M
CB
2016T 2 20M
CB
2016T 4 70M
CB
2518T 2 R2M
CB
2518T 4 R7M
CB
2518T 1 00M
CB
2518T 2 20M
CB
2518T 4 70M
CB C2012T 2R2M
CB C2012T 4R7M
CB C2012T 1 00M
CB C2012T 2 20M
CB C2012T 4 70M
CB C2016T 2 R2M
CB C2016T 4 R7M
CB C2016T 1 00M
CB C2016T 2 20M
CB C2016T 4 70M


Similar Part No. - CBC2016T470M

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
CBC2016T470M TAIYO-YUDEN-CBC2016T470M Datasheet
143Kb / 1P
   Wire-wound Chip Power Inductors
CBC2016T470M TAIYO-YUDEN-CBC2016T470M Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2016T470M TAIYO-YUDEN-CBC2016T470M Datasheet
363Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
CBC2016T470M8 TAIYO-YUDEN-CBC2016T470M8 Datasheet
277Kb / 2P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
2019.12.23
CBC2016T470MV TAIYO-YUDEN-CBC2016T470MV Datasheet
143Kb / 1P
   Wire-wound Chip Inductors for Automotive
More results

Similar Description - CBC2016T470M

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com