Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

36DY333F040BL2A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 36DY333F040BL2A
Description  Aluminum Capacitors 85 C, Large Can
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

36DY333F040BL2A Datasheet(HTML) 2 Page - Vishay Siliconix

  36DY333F040BL2A Datasheet HTML 1Page - Vishay Siliconix 36DY333F040BL2A Datasheet HTML 2Page - Vishay Siliconix 36DY333F040BL2A Datasheet HTML 3Page - Vishay Siliconix 36DY333F040BL2A Datasheet HTML 4Page - Vishay Siliconix 36DY333F040BL2A Datasheet HTML 5Page - Vishay Siliconix 36DY333F040BL2A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions contact: aluminumcaps4@vishay.com
Document Number: 42065
238
Revision: 25-Apr-05
36DY
Vishay Sprague
Aluminum Capacitors
+ 85 °C, Large Can
EN
1.750 [44.0]
1.625 [41.0]
1.828 [46.4]
1.750 [44.5]
1.849 [47.0]
0.750 [19.1]
71.0
EY
1.750 [44.0]
1.875 [48.0]
1.828 [46.4]
2.000 [50.8]
2.099 [53.3]
0.750 [19.1]
88.0
EA
1.750 [44.0]
2.125 [54.0]
1.828 [46.4]
2.250 [57.2]
2.349 [59.7]
0.750 [19.1]
102.0
EM
1.750 [44.0]
2.625 [67.0]
1.828 [46.4]
2.750 [69.9]
2.849 [72.4]
0.750 [19.1]
133.0
EB
1.750 [44.0]
3.125 [79.0]
1.828 [46.4]
3.250 [82.6]
3.349 [85.1]
0.750 [19.1]
167.0
EL
1.750 [44.0]
3.625 [92.0]
1.828 [46.4]
3.750 [95.3]
3.849 [97.8]
0.750 [19.1]
198.0
EC
1.750 [44.0]
4.125 [105.0]
1.828 [46.4]
4.250 [108.0]
4.349 [110.5]
0.750 [19.1]
230.0
ED
1.750 [44.0]
4.625 [117.0]
1.828 [46.4]
4.750 [120.7]
4.849 [123.2]
0.750 [19.1]
252.0
EE
1.750 [44.0]
5.125 [130.0]
1.828 [46.4]
5.250 [133.4]
5.349 [135.9]
0.750 [19.1]
269.0
EF
1.750 [44.0]
5.625 [143.0]
1.828 [46.4]
5.750 [146.1]
5.849 [148.6]
0.750 [19.1]
318.0
BY
2.000 [51.0]
1.875 [48.0]
2.078 [52.8]
2.000 [50.8]
2.099 [53.3]
0.875 [22.2]
113.0
BA
2.000 [51.0]
2.125 [54.0]
2.078 [52.8]
2.250 [57.2]
2.349 [59.7]
0.875 [22.2]
133.0
BM
2.000 [51.0]
2.625 [67.0]
2.078 [52.8]
2.750 [69.9]
2.849 [72.4]
0.875 [22.2]
176.0
BB
2.000 [51.0]
3.125 [79.0]
2.078 [52.8]
3.250 [82.6]
3.349 [85.1]
0.875 [22.2]
213.0
BL
2.000 [51.0]
3.625 [92.0]
2.078 [52.8]
3.750 [95.3]
3.849 [97.8]
0.875 [22.2]
261.0
BC
2.000 [51.0]
4.125 [105.0]
2.078 [52.8]
4.250 [108.0]
4.349 [110.5]
0.875 [22.2]
381.0
BD
2.000 [51.0]
4.625 [117.0]
2.078 [52.8]
4.750 [120.7]
4.849 [123.2]
0.875 [22.2]
326.0
BE
2.000 [51.0]
5.125 [130.0]
2.078 [52.8]
5.250 [133.4]
5.349 [135.9]
0.875 [22.2]
337.0
BF
2.000 [51.0]
5.625 [143.0]
2.078 [52.8]
5.750 [146.1]
5.849 [148.6]
0.875 [22.2]
408.0
CB
2.500 [64.0]
3.125 [79.0]
2.578 [65.5]
3.250 [82.6]
N/A
1.125 [28.6]
329.0
CL
2.500 [64.0]
3.625 [92.0]
2.578 [65.5]
3.750 [95.3]
N/A
1.125 [28.6]
400.0
CC
2.500 [64.0]
4.125 [105.0]
2.578 [65.5]
4.250 [108.0]
N/A
1.125 [28.6]
473.0
CD
2.500 [64.0]
4.625 [117.0]
2.578 [65.5]
4.750 [120.7]
N/A
1.125 [28.6]
562.0
CE
2.500 [64.0]
5.125 [130.0]
2.578 [65.5]
5.250 [133.4]
N/A
1.125 [28.6]
607.0
CF
2.500 [64.0]
5.625 [143.0]
2.578 [65.5]
5.750 [146.1]
N/A
1.125 [28.6]
675.0
DB
3.000 [76.0]
3.125 [79.0]
3.078 [78.2]
3.250 [82.6]
N/A
1.250 [31.8]
496.0
DL
3.000 [76.0]
3.625 [92.0]
3.078 [78.2]
3.750 [95.3]
N/A
1.250 [31.8]
598.0
DG
3.000 [76.0]
4.125 [105.0]
3.078 [78.2]
4.250 [108.0]
N/A
1.250 [31.8]
700.0
DD
3.000 [76.0]
4.625 [117.0]
3.078 [78.2]
4.750 [120.7]
N/A
1.250 [31.8]
802.0
DE
3.000 [76.0]
5.125 [130.0]
3.078 [78.2]
5.250 [133.4]
N/A
1.250 [31.8]
944.0
DF
3.000 [76.0]
5.625 [143.0]
3.078 [78.2]
5.750 [146.1]
N/A
1.250 [31.8]
1004.0
DJ
3.000 [76.0]
8.625 [219.0]
3.078 [78.2]
8.750 [222.3]
N/A
1.250 [31.8]
1403.0
DIMENSIONS in inches [millimeters]
LARGE CAN CAPACITORS
CASE
CODE
NOMINAL
WITH INSULATING SLEEVE
TERMINAL
SPACING
M ± 0.016 [0.4]
TYPICAL
WEIGHT
(
Grams)
D
± 0.032 [0.8]
L
± 0.063 [1.6]
D
(Max.)
L
(Max.)
P TERMINAL
H (Max.)
DIMENSIONS in inches [millimeters]
BRACKETS
TYPE
PART NUMBER
A
B
C
FIGURE NUMBER
2 Feet
4586-97A
1.375 [34.9]
1.781 [45.2]
2.218 [56.3]
1
3 Feet
4586-48
2.000 [50.8]
2.500 [63.5]
2.875 [73.0]
2
3 Feet
4586-1
2.500 [63.5]
3.000 [76.2]
3.375 [85.7]
2
3 Feet
4586-2
3.000 [76.2]
3.500 [88.9]
3.875 [98.4]
2
SCREW INSERT TERMINAL DIMENSIONS
TERMINAL
CODE
THREAD
THREAD DEPTH
HEIGHT
J ± 0.032 [0.8]
DIAMETER
S ± 0.010 [0.25]
DIAMETER
T ± 0.010 [0.25]
NOTES
A
10-32 NF-28
0.219 [5.6]
0.063 [1.6]
0.313 [8.0]
0.438 [11.1]
All cases codes
B
10-32 NF-28
0.375 [9.5]
0.250 [6.4]
0.313 [8.0]
0.438 [11.1]
All cases codes
D
1/4-28 NF-28
0.344 [8.7]
0.093 [2.4]
0.688 [17.5]
-
C & D dia. codes only


Similar Part No. - 36DY333F040BL2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY333F040BL2A VISHAY-36DY333F040BL2A Datasheet
179Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 29-Aug-08
More results

Similar Description - 36DY333F040BL2A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
36DY VISHAY-36DY_08 Datasheet
179Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 29-Aug-08
36DY VISHAY-36DY_13 Datasheet
100Kb / 7P
   Aluminum Capacitors 85 °C, Large Can
Revision: 18-Mar-13
36DA VISHAY-36DA Datasheet
249Kb / 7P
   Aluminum Capacitors 85 °C and 95 °C, Large Can
Revision: 29-Aug-08
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com