Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5267BT1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMSZ5267BT1
Description  Surface Mount Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSZ5267BT1 Datasheet(HTML) 1 Page - Motorola, Inc

  MMSZ5267BT1 Datasheet HTML 1Page - Motorola, Inc MMSZ5267BT1 Datasheet HTML 2Page - Motorola, Inc MMSZ5267BT1 Datasheet HTML 3Page - Motorola, Inc MMSZ5267BT1 Datasheet HTML 4Page - Motorola, Inc MMSZ5267BT1 Datasheet HTML 5Page - Motorola, Inc MMSZ5267BT1 Datasheet HTML 6Page - Motorola, Inc MMSZ5267BT1 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
Motorola TVS/Zener Device Data
7-1
500 mW Leadless (SOD-123) Data Sheet
Designer’s
™ Data Sheet
Surface Mount Silicon Zener Diodes
Plastic SOD123 Package
Three complete series of Zener Diodes are offered in the convenient, surface mount
plastic SOD-123 package. These devices provide a convenient alternative to the leadless
34 package style.
500 mW Rating on FR-4 or FR-5 Board
Package Designed for Optimal Automated Board Assembly
Corrosion Resistant Finish, Easily Solderable
ESD Rating of Class 3 (exceeding 16 kV) per the Human Body Model
Small Package Size for High Density Applications
Available in 8 mm Tape and Reel
Add “T1” to the device number to order the 7 inch / 3000 unit reel.
Add “T3” to the device number to order the 13 inch / 10,000 unit reel.
Wafer Fab Location: Phoenix, Arizona
Assembly/Test Location: Seremban, Malaysia
MMSZ5221BT1 thru MMSZ5270BT1
General Purpose, Medium Current
Wide Voltage Range — 2.4 to 91 Volts
DEVICE RATING (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Power Dissipation on FR-4 or FR-5 Board [1]
Derate above TL = 75°C
PD
500
6.7
mW
mW/
°C
Thermal Resistance Junction to Lead [2]
Thermal Resistance Junction to Ambient [2]
R
θJL
R
θJA
150
340
°C/W
Junction Temperature Range
TJ
–55 to +150
°C
Storage Temperature Range
Tstg
–55 to +150
°C
Lead Solder Temperature – Maximum (10 sec. duration)
260
°C
[1] FR-4 or FR-5 = 3.5 x 1.5 inches, using the Motorola minimum recommended footprint as shown in Figure 11.
[2] Thermal Resistance measurement obtained via Infrared Scan Method
Designer’s Data for “Worst Case’’ Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. Limit curves — representing
boundaries on device characteristics — are given to facilitate “worst case’’ design.
Designer’s is a trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
MMSZ5221BT1
SERIES
PLASTIC SURFACE
MOUNT
ZENER DIODES
500 MILLIWATTS
1.8 – 91 VOLTS
CASE 425, STYLE 1
PLASTIC
1: CATHODE
2: ANODE
12


Similar Part No. - MMSZ5267BT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ5267BT1 ONSEMI-MMSZ5267BT1 Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
MMSZ5267BT1 ONSEMI-MMSZ5267BT1 Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
logo
Texas Instruments
MMSZ5267BT1 TI1-MMSZ5267BT1 Datasheet
436Kb / 17P
[Old version datasheet]   A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
ON Semiconductor
MMSZ5267BT1G ONSEMI-MMSZ5267BT1G Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
MMSZ5267BT1G ONSEMI-MMSZ5267BT1G Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
More results

Similar Description - MMSZ5267BT1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com