Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1219-02ST Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1219-02ST
Description  Low Capacitance Transient Voltage Suppressors / ESD Protectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1219-02ST Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1219-02ST Datasheet HTML 1Page - California Micro Devices Corp CM1219-02ST Datasheet HTML 2Page - California Micro Devices Corp CM1219-02ST Datasheet HTML 3Page - California Micro Devices Corp CM1219-02ST Datasheet HTML 4Page - California Micro Devices Corp CM1219-02ST Datasheet HTML 5Page - California Micro Devices Corp CM1219-02ST Datasheet HTML 6Page - California Micro Devices Corp CM1219-02ST Datasheet HTML 7Page - California Micro Devices Corp CM1219-02ST Datasheet HTML 8Page - California Micro Devices Corp CM1219-02ST Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
12/22/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
3
CM1219
Specifications
Note 1: All parameters specified at TA = -40°C to +85°C unless otherwise noted.
Note 2: These parameters guaranteed by design and characterization.
Note 3: Human Body Model per MIL-STD-883, Method 3015, CDischarge = 100pF, RDischarge = 1.5KΩ, VN grounded.
Note 4: Standard IEC 61000-4-2 with CDischarge = 150pF, RDischarge = 330Ω, VN grounded.
Note 5: These measurements performed with no external capacitor on CHX.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
Package Power Dissipation
SC70
SOT23-3, SOT23-5, SOT23-6, SOT143
0.2
0.225
W
W
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS (NOTE 1)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
Channel Input Capacitance
TA = 25°C, 2.5VDC, 1MHz; Note 2
4
pF
CIN Differential Channel I/O to GND
Capacitance
TA = 25°C, 2.5VDC, 1MHz; Note 2
0.14
pF
VRSO
Reverse Stand-off Voltage
IR=10µA, TA = 25°C
5.5
V
IR=1mA, TA = 25°C
6.1
V
ILEAK
Leakage Current
VIN=5.0VDC, TA = 25°C
1
µA
VSIG
Small Signal Clamp Voltage
Positive Clamp
Negative Clamp
I = 10mA, TA = 25°C
I = -10mA, TA = 25°C
6.8
-0.8
V
V
VESD
ESD Withstand Voltage
Contact Discharge per IEC 61000-
4-2 standard
Human Body Model, MIL-STD-883,
Method 3015
Notes 2, 4 & 5; TA = 25°C
Notes 2, 3 & 5; TA = 25°C
+8
+15
kV
kV
RD
Diode Dynamic Resistance
Forward Conduction
Reverse Conduction
TA = 25°C; Notes 2 & 3
1.3
3.7


Similar Part No. - CM1219-02ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1219-05SE ONSEMI-CM1219-05SE Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
More results

Similar Description - CM1219-02ST

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1248-04QG ONSEMI-CM1248-04QG Datasheet
155Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
CM1218 CALMIRCO-CM1218 Datasheet
177Kb / 11P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
logo
ON Semiconductor
CM1249-04S9 ONSEMI-CM1249-04S9 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors/ESD Protectors
2009 ??Rev. (whole #)
CM1219 ONSEMI-CM1219 Datasheet
100Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1248-04S9 ONSEMI-CM1248-04S9 Datasheet
153Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1250-04QG ONSEMI-CM1250-04QG Datasheet
97Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 Rev. 3
CM1218 ONSEMI-CM1218 Datasheet
208Kb / 17P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
May 2010 ??Rev. 2
CM1218-C4 ONSEMI-CM1218-C4 Datasheet
166Kb / 7P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 2
CM1248-08DE ONSEMI-CM1248-08DE Datasheet
284Kb / 6P
   Low Capacitance Transient Voltage Suppressors / ESD Protectors
April 2010 ??Rev. 3
logo
California Micro Device...
PACDN042 CALMIRCO-PACDN042 Datasheet
204Kb / 14P
   Transient Voltage Suppressors / ESD Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com