Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5472EZT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5472EZT
Description  32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5472EZT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5472EZT Datasheet HTML 2Page - Maxim Integrated Products MAX5472EZT Datasheet HTML 3Page - Maxim Integrated Products MAX5472EZT Datasheet HTML 4Page - Maxim Integrated Products MAX5472EZT Datasheet HTML 5Page - Maxim Integrated Products MAX5472EZT Datasheet HTML 6Page - Maxim Integrated Products MAX5472EZT Datasheet HTML 7Page - Maxim Integrated Products MAX5472EZT Datasheet HTML 8Page - Maxim Integrated Products MAX5472EZT Datasheet HTML 9Page - Maxim Integrated Products MAX5472EZT Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
32-Tap, Nonvolatile, Linear-Taper Digital
Potentiometers in SOT23
6
_______________________________________________________________________________________
Pin Description
RESISTANCE DNL vs. TAP POSITION
(MAX5475)
TAP POSITION
25
20
15
10
5
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-0.04
030
VOLTAGE-DIVIDER MODE
RESISTANCE INL vs. TAP POSITION
(MAX5475)
TAP POSITION
25
20
15
10
5
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-0.04
030
VOLTAGE-DIVIDER MODE
Typical Operating Characteristics (continued)
(VDD = 5.0V, TA = +25
°C, unless otherwise noted.)
PIN
MAX5471/
MAX5472
MAX5474/
MAX5475
NAME
FUNCTION
11
CS
Chip-Select Input. Drive low to change wiper position (W) through INC and U/D. A low-to-
high transition with INC high stores the wiper position in nonvolatile memory.
2
3
GND
Ground
34
U/D
Up/Down Control Input. With U/D low, a high-to-low INC transition decrements the wiper
position. With U/D high, a high-to-low INC transition increments the wiper position.
45
INC
Wiper Increment Control Input. With CS low, the wiper position moves in the direction
determined by the state of U/D on a high-to-low transition.
56
H
High Terminal of Resistor. The voltage at H can be greater than or less than the voltage at L.
Current can flow into or out of H.
62
VDD
Power Supply
7
W
Wiper Terminal of Resistor
8L
Low Terminal of Resistor. The voltage at L can be greater than or less than the voltage at H.
Current can flow into or out of L.


Similar Part No. - MAX5472EZT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5472EZT MAXIM-MAX5472EZT Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
More results

Similar Description - MAX5472EZT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5432 MAXIM-MAX5432 Datasheet
371Kb / 17P
   32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5391 MAXIM-MAX5391_10 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com