Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2400-02HB Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM2400-02HB
Description  Universal Serial Bus Transceiver with Level Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2400-02HB Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM2400-02HB Datasheet HTML 1Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 2Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 3Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 4Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 5Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 6Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 7Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 8Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
08/24/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
5
CM2400-02/03/04
PRELIMINARY
Specifications (cont’d)
Note 6: Rev 2.0 states ZDRV must be between 28Ω and 44Ω, when the driver is not high speed capable.
ELECTRICAL OPERATING CHARACTERISTICS (CONT’D)
Digital Pins (VBUS = 4.0V to 5.5V; VCC = 2.5V ± 0.2V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIL
Logic LOW input voltage
0.7
V
VIH
Logic HIGH input voltage
1.7
V
VOL
Logic LOW output voltage
IOL = 100µA
IOL = 2mA
0.15
0.40
V
V
VOH
Logic HIGH output voltage
IOH = 100µA
IOH = 2mA
2.15
1.90
V
V
Digital Pins (VBUS = 4.0V to 5.5V; VCC = 1.65V to 3.6V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIL
Logic LOW input voltage
0.3
V
CC
V
VIH
Logic HIGH input voltage
0.6
V
CC
V
VOL
Logic LOW output voltage
IOL = 100µA
IOL = 2mA
0.15
0.40
V
V
VOH
Logic HIGH output voltage
IOH = 100µA
IOH = 2mA
VCC - 0.15
VCC - 0.40
V
V
Analog I/O Pins (VBUS = 4.0V to 5.5V; VCC = 1.65V to 3.6V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDI
Differential receiver input
sensitivity
| V
I(D+) - VI(D-) |
0.2
V
VCM
Differential receiver
common mode voltage
0.8
2.5
V
VIL
Single-ended receiver
logic LOW input voltage
0.8
V
VIH
Single-ended receiver
logic HIGH input voltage
2.0
V
VHYS
Single-ended receiver
Hysteresis voltage
0.4
0.7
V
VOL
Logic LOW output voltage
RL = 1.5KΩ tied to +3.6V
0.3
V
VOH
Logic HIGH output voltage
RL = 15KΩ tied to GND
2.8
3.6
V
ILZ
OFF-state leakage current
+1
µA
CIN
Transceiver Capacitance
Pin to GND
20
pF
RSW
Internal switch resistance at
VPU
50
ZDRV
Driver output impedance
(includes 33 ohm 1% resis-
tor)
Measured with steady-state drive;
See Note 6
28
39
44


Similar Part No. - CM2400-02HB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01HB CALMIRCO-CM2400-01HB Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05 CALMIRCO-CM2400-05 Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05HA CALMIRCO-CM2400-05HA Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05HB CALMIRCO-CM2400-05HB Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
More results

Similar Description - CM2400-02HB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-05 CALMIRCO-CM2400-05 Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com