Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2400-02HB Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM2400-02HB
Description  Universal Serial Bus Transceiver with Level Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2400-02HB Datasheet(HTML) 7 Page - California Micro Devices Corp

Back Button CM2400-02HB Datasheet HTML 3Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 4Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 5Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 6Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 7Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 8Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 9Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 10Page - California Micro Devices Corp CM2400-02HB Datasheet HTML 11Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
08/24/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
7
CM2400-02/03/04
PRELIMINARY
Specifications (cont’d)
Test Loads
Load for VP / VM and
Load for D+ and D- delay measurements
Load for ENABLE and DISABLE
V = VREG(3.3) for tPZL and tPLZ
V = 0 v for tPZH and tPHZ
DUT
Test Point
15pF
DUT
Test Point
50pF
33
DUT
Test Point
50pF
33
200
V
RCV delay measurements
(MAX and MIN Timing)
delay measurements.


Similar Part No. - CM2400-02HB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01HB CALMIRCO-CM2400-01HB Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05 CALMIRCO-CM2400-05 Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05HA CALMIRCO-CM2400-05HA Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05HB CALMIRCO-CM2400-05HB Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
More results

Similar Description - CM2400-02HB

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-05 CALMIRCO-CM2400-05 Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com