Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS91L1006E10L100C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AS91L1006E10L100C
Description  The AS91L1006BU is a one to 6-port JTAG gateway
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS91L1006E10L100C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AS91L1006E10L100C Datasheet HTML 3Page - List of Unclassifed Manufacturers AS91L1006E10L100C Datasheet HTML 4Page - List of Unclassifed Manufacturers AS91L1006E10L100C Datasheet HTML 5Page - List of Unclassifed Manufacturers AS91L1006E10L100C Datasheet HTML 6Page - List of Unclassifed Manufacturers AS91L1006E10L100C Datasheet HTML 7Page - List of Unclassifed Manufacturers AS91L1006E10L100C Datasheet HTML 8Page - List of Unclassifed Manufacturers AS91L1006E10L100C Datasheet HTML 9Page - List of Unclassifed Manufacturers AS91L1006E10L100C Datasheet HTML 10Page - List of Unclassifed Manufacturers AS91L1006E10L100C Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
July 2004
AS91L1006BU
SELF_TEST Register
The AS91L1006BU device supports a
single output pin that can be controlled via the
IEEE1149.1 interface. When the instruction is
loaded into the AS91L1006BU instruction register,
a single bit data register is connected which is
always reset to logic zero when the TAP state
machine enters Capture-DR. This will cause the
SELF_TEST pin to pulse low for one cycle of TCK,
during the Update-DR phase. This low going pulse
can be used to initiate self-tests on PCB’s in a rack
via the JTAG interface.
LSP_ASYNC_RST Register
The AS91L1006BU device supports async
reset tests on the devices connected to the LSPs.
The standard method of performing these tests by
utilizing the primary TRST pin cannot be used as it
will cause the AS91L1006BU to deselect and its
internal registers to be reset. In order to enable
async reset tests on LSPs, the test tool should
instruct the device to toggle the LSP reset pins
while maintaining the set up information in the
AS91L1006BU. When the instruction is loaded
into the AS91L1006BU instruction register, a
single bit data register is connected as the data
register which is always reset to logic zero when
the TAP state machine enters Capture-DR. This
will cause the LSP TRST pins to pulse low for one
TCK cycle, during the Update-DR phase.
AUTOWR Register
This is a 6-bit register that controls the pass-
through of the JTAG Technologies AutoWR
signal to any LSP. The register is reset to all
zeros when entering the Test-Logic-Reset state.
Note: The MCGR is reset to 00 upon receiving TRST or the entering of the
Test-Logic-Reset state
AutoWr
Register
(Bit 2 –
Bit 0)
LSP 3
AutoWr
Signal
LSP 2
AutoWr
Signal
LSP 1
AutoWr
Signal
000
High Z
High Z
High Z
001
High Z
High Z
Active
011
High Z
Active
Active
100
Active
High Z
High Z
101
Active
High Z
Active
110
Active
Active
High Z
111
Active
Active
Active
AutoWr
Register
(Bit 5 – Bit
3)
LSP 6
AutoWr
Signal
LSP 5
AutoWr
Signal
LSP 4
AutoWr
Signal
000
High Z
High Z
High Z
001
High Z
High Z
Active
011
High Z
Active
Active
100
Active
High Z
High Z
101
Active
High Z
Active
110
Active
Active
High Z
111
Active
Active
Active
Table 6 - AUTOWR Register Mapping
www.alsc.com
Alliance Semiconductor
7
2003, 2004 © Copyright Alliance Semiconductor Corporation. All Rights reserved.


Similar Part No. - AS91L1006E10L100C

ManufacturerPart #DatasheetDescription
logo
QuWireless
AS915 QUWIRELESS-AS915 Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
AS915XR QUWIRELESS-AS915XR Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
More results

Similar Description - AS91L1006E10L100C

ManufacturerPart #DatasheetDescription
logo
Level One
VOI-8001 LVL1-VOI-8001 Datasheet
134Kb / 2P
   The LevelOne VOI-8001 is a cost-effective VoIP telephone gateway
logo
STMicroelectronics
ST20-JPI STMICROELECTRONICS-ST20-JPI Datasheet
78Kb / 10P
   PC PARALLEL PORT TO JTAG INTERFACE
logo
Altera Corporation
EP3C5E144C8N ALTERA-EP3C5E144C8N Datasheet
6Mb / 348P
   Ability to disable external JTAG port
logo
THOR communications
H-1ASI-IP THOR-H-1ASI-IP Datasheet
709Kb / 1P
   The H-1ASI-IP is a video gateway for DVB-IP systems
logo
RF Monolithics, Inc
RO2101E RFM-RO2101E Datasheet
134Kb / 2P
   The RO2101E is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
logo
Surge Components
2N2222 SURGE-2N2222 Datasheet
521Kb / 3P
   the transistor is subdivded into one group
logo
List of Unclassifed Man...
ADAM-4572 ETC2-ADAM-4572 Datasheet
185Kb / 1P
   1-port Modbus짰 to Ethernet Data Gateway
logo
Micrel Semiconductor
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
   MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
logo
Littelfuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
   1-port Modbus Gateway
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com