Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2400-02TR Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM2400-02TR
Description  Universal Serial Bus Transceiver with Level Translator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2400-02TR Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM2400-02TR Datasheet HTML 6Page - California Micro Devices Corp CM2400-02TR Datasheet HTML 7Page - California Micro Devices Corp CM2400-02TR Datasheet HTML 8Page - California Micro Devices Corp CM2400-02TR Datasheet HTML 9Page - California Micro Devices Corp CM2400-02TR Datasheet HTML 10Page - California Micro Devices Corp CM2400-02TR Datasheet HTML 11Page - California Micro Devices Corp CM2400-02TR Datasheet HTML 12Page - California Micro Devices Corp CM2400-02TR Datasheet HTML 13Page - California Micro Devices Corp CM2400-02TR Datasheet HTML 14Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
08/24/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
11
CM2400-02/03/04
PRELIMINARY
Functional Description
The CM2400-02/03/04 USB Transceiver supports 3 dif-
ferent power supply configurations, which can be con-
figured
dynamically.
Table 1
details
the
various
configurations. In Normal Mode the internal regulator
produces 3.3V from VBUS to power the internal drivers
and receivers associated with the USB protocol.
Table 1: Power Supply Connections
There are three power supply configurations for the
CM2400-02/03/04: Normal mode, Disable mode and
Sharing mode. These three modes can be changed
dynamically.
Normal mode occurs when the VCC and VBUS inputs
are both connected to a source. VBUS is tied to a 5V
source for 5V operation. The internal regulator of the
CM2400-02/03/04 provides 3.3V output on VREG. The
VCC input is connected to an independent source that
can range from 1.65V to 3.6V.
When VCC is not connected and VBUS is connected,
the device is in Disable mode. The D+ and D- pins are
in tri-state and power consumption drops to a suspend
state level.
In Sharing mode, VCC is connected while VBUS is
below 3.6V. The D+ and D- pins are in tri-state and the
CM2400-02/03/04 allows external signals (
3.6V) to
share these two lines. The CM2400-02/03/04 is
designed to draw almost zero current from the D+ and
D- lines while in sharing mode. In this mode, VP and
VM are driven high while RCV and USB_DET are
driven low.
In Disable and Sharing Mode, all input/output pins fol-
low the states defined in Table 2.
Table 2: Pin States in Disable or Sharing Mode
Table 3 lists the functions of the modes associated with
suspend and OE pins. When Suspend is low and OE is
high, signal levels on D+ and D- are determined by
other USB devices and pull-up/down resistors. In Sus-
pend Mode (SPND = HIGH) the differential receiver is
inactive and output RCV is always LOW. Out of sus-
pend signaling is detected via the single-ended receiv-
ers VP and VM. During suspend and while the output is
still enabled (OE = LOW), D+ and D- lines are driven to
their intended states.
Table 3: Function Selection.
VBUS
VCC
CONFIGURATION
Connected
Connected
Normal Mode
Connected
Not Connected
Disable Mode
Not Connected
Connected
Sharing Mode
PIN
Sharing Mode
State
Disable Mode
State
VBUS
VBUS < 3.6V
4.1V to 5.5V
VREG
Pulled Down
3.3V Out
VCC
Present
Not Present
VPU
High-Z (off)
High-Z (off)
D+, D-
High-Z
High-Z
VP , VM
HInvalid
RCV
L
Invalid
USB_DET
L
Invalid
Inputs
High-Z
High-Z
SUSPEND
OE
D+ / D-
RCV
VP/VM
Function
L
L
Driver & Receiver Active
Active
Active
Normal driving mode. Differential receiver active
L
H
Receiving
Active
Active
Driver Tri-stated. Differential receiver active.
H
L
Driving
Inactive
RCV=L
Active
Driving during ’suspend’. Differential receiver inactive.
H
H
High-Z
Inactive
RCV=L
Active
Low-power state.


Similar Part No. - CM2400-02TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01HB CALMIRCO-CM2400-01HB Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05 CALMIRCO-CM2400-05 Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05HA CALMIRCO-CM2400-05HA Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-05HB CALMIRCO-CM2400-05HB Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
More results

Similar Description - CM2400-02TR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2400-05 CALMIRCO-CM2400-05 Datasheet
191Kb / 13P
   Universal Serial Bus Transceiver with Level Translator
CM2400-01 CALMIRCO-CM2400-01 Datasheet
271Kb / 14P
   Universal Serial Bus Transceiver with Level Translator
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com