Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


JRC4580 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. JRC4580
Description  DUAL OPERATIONAL AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
SUM
SUM
1/5
DUAL OPERATIONAL AMPLIFIER
JRC4580
DES CRIP TIO N
Outli ne Drawing
JRC 4580
is
the
dua l
operati on al
amplifier,
special ly designe d for improving the to ne co ntrol ,
which is m o st sui tabl e for the a u d io a ppli cati on.
Fea t uri ng n o isel e ss, high er gain ban d width ,
hig h o u tp ut current a n d low d isto r tion rat io, and i t
is mo st suitable not only for acoustic e l ectronic
part of a u dio pre-amp and act ive filter, but als o
for the industrial me a s ure ment tools. It is also
suitab le for the h ead p hone amp at h igh er o u tput
current. And further mo re, it ca n be ap pli ed fo r
the
h an d y
ty pe
set
operat ion al
amplifier
of
general pu rpose in a ppli cati on of low v o ltage
single s upp ly ty pe which is prope rly biased of th e
input l o w volta ge source.
FEATURE
Operating Vo ltage
(
±2V~±16V)
Low Input Noise Vo lta ge
(0 .8
µVrms Typ.)
Wi de Gain Bandwi d th Product (1 5 mhz
Ty p.)
L o w D i s t o r t i o n
( 0 . 0 0 0 5 %
Ty p . )
S l e w R a t e
( 5 V /
µA
Ty p . )
Package Outline
DIP8
、SIP8、SOP8
Bipo lar Tec hno logy




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl