Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


JRC4580 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. JRC4580
Description  DUAL OPERATIONAL AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
SUM
JRC4580
SUM
2/5
EQUIVA LENT CI RCUI T
P IN CONF IGURATI ON
1
2
3
4
-+
A
8
7
6
5
-
+
B
1
2
3
4
5
6
7
8
-+
A
-
+
B
PIN FUNCTION
1 A OUTPUT
2 A -INPUT
3 A +INPUT
4 V-
5 B +INPUT
6 B -INPUT
7 B OUTPUT
8 V+
ABSOL U TE MAXI MUM RATINGS (Ta=25
°C)
Characteris tic
Sym bol
Value
Unit
Supply Vo lt age
V+/V-
±16
V
Input Vo lta ge
V IC
±15
V
Diff erential Input Vo lt age
V ID
±30
V
Output Curr ent
Ic
±50
mA
Power Diss ipation
P D
800
m W
Operating Te mp erature Range
Ta mb
-40~85
°C
Storage Te m p erature Range
Ts tg
-40~1 25
°C
V-
+INPUT
-INPUT
V+
OUTPUT




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl