Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


JRC4580 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. JRC4580
Description  DUAL OPERATIONAL AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 3 page
background image
SUM
JRC4580
SUM
3/5
ELE CT RI CAL CH ARACT E RISTICS
(Unless ot herwise spe c ified: Ta = 2 5
°C, V+/V-=±15V)
Parameter
Sym bol
Test co nd it ion
Min
Ty p
Max
Unit
Input Offset Vo ltag e
V IO
Rs
≤ 10kΩ
0.5
3
m V
Input Offset Current
I IO
5
200
nA
Input Bias Current
I B
100
500
nA
Larg e Signal Vo lta ge Gain
Av
R L
≥ 2kΩ
,Vo=±10V
90
11 0
dB
Output Vo lt age Swing
V OM
R L
≥ 2kΩ
±12
±13.5
V
Input Common Mode Voltage
Range
V IC M
±12
±13.5
V
Co mmon
Mode
R ej ectio n
Ratio
CMR
Rs
≤ 10kΩ
80
11 0
dB
Supply
Vo ltage
Rej e ctio n
Ratio
SVR
Rs
≤ 10kΩ
80
11 0
dB
Operating Current
Icc
6
9
mA
Slew Rate
SR
R L
≥ 2kΩ
5
V/
µA
Gain Ba nd width Prod uct
GB
f=10kHz
15
MHz
To tal Harm onic Distortion
THD
Av=20d B
, Vo=5V,
f=1kHz
, RL =2kΩ
0.00 05
%
Input No ise Vo ltage
V NI
RIAA
Rs=2.2k
30kHzLPF
0.8
µVrms




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl