Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


XPT32P001 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. XPT32P001
Description  ARM-based 32-bit MCU
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
XPT32P001
V1.0
ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers,
2 ADCs, 6 com. interfaces
Datasheet V1.0
Oct. 2015
XPTEK Technologies Co.,Ltd.(www.xptek.cn)
1 / 1
Features
• ARM 32-bit Cortex™-M3 CPU Core
-
72 MHz maximum frequency, 1.25
DMIPS/MHz (Dhrystone 2.1) performance
at 0 wait state memory access
-
Single-cycle multiplication and hardware
division
• Memories
-
16 or 32 Kbytes of Flash memory
-
6 or 10 Kbytes of SRAM
• Clock, reset and supply management
-
2.0 to 3.6 V application supply and I/Os
-
POR, PDR, and programmable voltage
detector (PVD)
-
4-to-16 MHz crystal oscillator – Internal 8
MHz factory-trimmed RC
-
Internal 40 kHz RC
-
PLL for CPU clock
-
32 kHz oscillator for RTC with calibration
• Low power
-
Sleep, Stop and Standby modes
-
VBAT supply for RTC and backup registers
• 2 x 12-bit, 1
μs A/D converters (up to 16
channels)
-
Conversion range: 0 to 3.6 V – Dual-sample
and hold capability – Temperature sensor
• DMA
-
7-channel DMA controller
-
Peripherals supported: timers, ADC, SPIs,
I2Cs and USARTs
• Up to 51 fast I/O ports
-
26/37/51 I/Os, all mappable on 16 external
interrupt vectors and almost all 5 V-tolerant
• Debug mode
-
Serial wire debug (SWD) & JTAG interfaces
• 6 timers
-
Two 16-bit timers, each with up to 4
IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
-
16-bit, motor control PWM timer with
dead-time generation and emergency stop
-
2 watchdog timers (Independent and
Window)
-
SysTick timer 24-bit downcounter
• 6 communication interfaces
-
1 x I2C interface (SMBus/PMBus)
-
2 × USARTs (ISO 7816 interface, LIN,
IrDA capability, modem control)
-
1 × SPI (18 Mbit/s)
-
CAN interface (2.0B Active)
-
USB 2.0 full-speed interface
• CRC calculation unit, 96-bit unique ID
• Packages
LQFP48
7X7
QFN48
7X7




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl