Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


XPT7603 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. XPT7603
Description  4-wire resistive touch screen controller
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 11 page
background image
X
XP
PT
T7
76
60
03
3 D
Da
atta
aS
Sh
he
ee
ett
C
Co
op
py
yrriig
gh
htt©
©2
20
00
09
9,, S
SH
HE
EN
NZ
ZH
HE
EN
N X
XP
PT
TE
EK
K T
TE
EC
CH
HN
NO
OL
LO
OG
GY
Y C
CO
O..,,L
LT
TD
D
http://www.xptek.com.cn
P
Pa
ag
ge
e 11/25
MAXIMUM SAMPLING RATE vs R
IN
INL: R
IN = 500
 
2.5080
2.5075
INTERNAL V
REF vs TEMPERATURE
1.8
INL: R
IN
=
2k 
2.5070
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
DNL: RIN = 500 
DNL: RIN = 2k 
20
40
60
80
100
120
140
160
180
200
Sampling Rate (kHz)
2.5065
2.5060
3.5055
2.5050
2.5045
2.5040
2.5035
2.5030
Temperature ( C)
2.510
INTERNAL V
REF vs VCC
100
INTERNAL VREF vs TURN− ON TIME
2.505
2.500
2.495
2.490
2.485
80
No Cap
(42 s)
12-Bit Settling
60
40
20
1 F Cap
(124 s)
12-Bit Settling
2.480
2.5
3.0
3.5
4.0
4.5
5.0
VCC(V)
0
0
200
400
600
800
1000
1200
1400
Turn-On Time ( s)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl