Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


XPT7603 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part No. XPT7603
Description  4-wire resistive touch screen controller
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 16 page
background image
X
XP
PT
T7
76
60
03
3 D
Da
atta
aS
Sh
he
ee
ett
C
Co
op
py
yrriig
gh
htt©
©2
20
00
09
9,, S
SH
HE
EN
NZ
ZH
HE
EN
N X
XP
PT
TE
EK
K T
TE
EC
CH
HN
NO
OL
LO
OG
GY
Y C
CO
O..,,L
LT
TD
D
http://www.xptek.com.cn
P
Pa
ag
ge
e 16/25
Second and the first conversion of the voltage difference by the equation (1), said:
V = ... ... ... ... ... ... ... ... ... ... (1)
Of which:
N - Current ratio coefficient, equal to 91;
k -伯尔兹曼 constant, equal to 1.38054 × 10-23 volts per opening (V • K-1);
q - charge, equal to 1.602189 • 10-19C
T - temperature (Kelvin)
Second, more than one way to provide a more accurate method of measuring accuracy can be
achieved 2 ℃
Absolute temperature conversion formula is:
... ... ... ... ... ... ... ... ... ... (2)
Of which:
V = V (I91)
- V (I1) (in mV)
° K = 2.573
K / mV •
V
 △
= 2.573 •
V (mV)
℃△
- 273
K
 
Note: Since each diode bias current is only the work of the three sampling clock cycle (only
during the sampling), so the increase in power consumption is obvious, especially in temperature
measurement is only occasional at this time of internal XPT7603 on behalf of the junction
temperature can be ambient temperature.
8.8
Battery Measurement
Shown in figure 10, the battery voltage from 0V to 6V ,input voltage (VBAT) through sub-pressure
(1 / 4) enter to the ADC, so the battery voltage of 5.5V was divided into 1.375V then enter the
ADC.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl