Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


XPT9305 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. XPT9305
Description  Audio Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
SHENZHEN XPTEK TECHNOLOGY CO., LTD
XPT9305
Mono 5W
THD=10%, 2
Ω Load , Class-D Audio Power Amplifier
Address:The 5th floor, R3-A, hi tech Industrial Park, Nanshan District, Shenzhen, Guangdong Prov. China
Website:www.xptek.cn
The Micro message No.:szxpt168
Sales:sales@xptek.cn
Technical support:support@xptek.cn
Design servicesdesign@xptek.cn
GENERAL DESCRIPTION
The XPT9305 is an audio power amplifier
primarily
designed
for
demanding
applications in low-power portable systems. It
is capable of delivering 5 watts of continuous
average power to a 2
Ω BTL load with less
than 10% distortion (THD) from a 5V DC
power supply.
XPT9305 features a low-power consumption
shutdown mode.
The XPT9305 contains advanced pop & click
circuitry which eliminates noise which would
otherwise occur during turn-on and turn-off
transitions.
The XPT9305 can be configured by external
gain-setting resistors.
The
XPT9305
integrates
overheating
protection mechanism. The XPT9305 is
unity-gain stable and can be configured by
external gain-setting resistors.
FEATURES
 Fully-differential class D audio power
amplifier
 Available in space-saving packages:
ESOP8
 5W Output Power (10% THD, 2
Ω load,
5V)
 Wide operating voltage range: 2V~5.5V
 Improved pop & click circuitry eliminates
noise
during
turn-on
and
turn-off
transitions
THE PHYSICAL MAP
APPLICATIONS
Card
inserting
speaker,
Bluetooth
speaker, Mobile phone
Low voltage audio system,USB,2.1/2.0
multimedia
Radio
MP3/MP4/MP5/CD
Digital camera
Tablet PC, Handheld game machine
BLOCK DIAGRAM




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl