Electronic Components Datasheet Search
Selected language     English  Ôľ╝
Advanced Search

              



Part Name


CSE7759 Datasheet(PDF) 5 Page - Core Technology (Shenzhen) Co., Ltd.

Part No. CSE7759
Description  Single phase multi-function measurement chip
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Homepage  http://www.chipsea.com/
Logo 

 
 5 page
background image
CSE7759
Chip Function
R
R e
R ee v
e v
v 1
v 1
1 .
1 ..1111111
The first
The first 5
The first 5
5 page
5 page
page ,
page ,
, Altogether
, Altogether
Altogether 1
Altogether 1
1 1
1 1
1 page
1 page
page
1.3 Chip Pin Description
1.3 Chip Pin Description
CSE7759 use SOP8 Package.
CSE7759 use SOP8 Package.
CSE7759 use SOP8 Package.
CSE7759 use SOP8 Package.
1
2
3
4
VDD
VIP
VIN
GND
CF
CF1
SEL
V2P
CSE7759
8
7
6
5
Map 2 Chip pin map
Map 2 Chip pin map
Map 2 Chip pin map
table 1 CSE7759 Pin Description
table 1 CSE7759 Pin Description
table 1 CSE7759 Pin Description
Pin Number Pin Name input Output
Pin Number Pin Name input Output
Pin Number Pin Name input Output
Explanation
Chip power supply
Current differential signal input terminal, the maximum differential input signal ┬▒ 43.75Mv
Current differential signal input terminal, the maximum differential input signal ┬▒ 43.75Mv
NOTE: When not in use a current signal, V1P with V1N To receive short GND
NOTE: When not in use a current signal, V1P with V1N To receive short GND
NOTE: When not in use a current signal, V1P with V1N To receive short GND
NOTE: When not in use a current signal, V1P with V1N To receive short GND
NOTE: When not in use a current signal, V1P with V1N To receive short GND
NOTE: When not in use a current signal, V1P with V1N To receive short GND
Entry
Voltage signal having a positive input terminal. The maximum input signal ┬▒ 700mV
Voltage signal having a positive input terminal. The maximum input signal ┬▒ 700mV
NOTE: When a voltage signal is not used, V2P To receive short GND
NOTE: When a voltage signal is not used, V2P To receive short GND
NOTE: When a voltage signal is not used, V2P To receive short GND
NOTE: When a voltage signal is not used, V2P To receive short GND
Chip ground
Export
Active high-frequency pulse output, the duty cycle 50%
Active high-frequency pulse output, the duty cycle 50%
Export
SEL = 0 Rms output current, the duty cycle 50% ;
SEL = 0 Rms output current, the duty cycle 50% ;
SEL = 0 Rms output current, the duty cycle 50% ;
SEL = 0 Rms output current, the duty cycle 50% ;
SEL = 1 , RMS output voltage, the duty cycle 50% ;
SEL = 1 , RMS output voltage, the duty cycle 50% ;
SEL = 1 , RMS output voltage, the duty cycle 50% ;
SEL = 1 , RMS output voltage, the duty cycle 50% ;
Entry
RMS output pin configuration, with pulldown
Entry
1
VDD
2, 3
V1P, V1N
4
V2P
5
GND
6
CF
7,
CF1
8
SEL
Chip ground
Chip power supply




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl