Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


CSE7759 Datasheet(PDF) 7 Page - Core Technology (Shenzhen) Co., Ltd.

Part No. CSE7759
Description  Single phase multi-function measurement chip
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Homepage  http://www.chipsea.com/
Logo 

 
 7 page
background image
CSE7759
Chip Feature Description
R
R e
R ee v
e v
v 1
v 1
1 .
1 ..1111111
The first
The first 7
The first 7
7 page
7 page
page ,
page ,
, Altogether
, Altogether
Altogether 1
Altogether 1
1 1
1 1
1 page
1 page
page
Built-in reference voltage
parameter
Symbol
Min
Typ
Max
Units
The reference voltage
Drift
2.2 Digital features
2.2 Digital features
VDD = 5 V , GND = 0 V
VDD = 5 V , GND = 0 V
VDD = 5 V , GND = 0 V
parameter
Symbol
Min
Typ
Max
Units
Master Clock
Master clock frequency
Master clock duty cycle
filter
Input sample rate ( DCLK =
Input sample rate ( DCLK =
MCLK / K )
MCLK / K )
Digital filter output rate
A high-pass filter corner (- 3dB )frequency
A high-pass filter corner (- 3dB )frequency
A high-pass filter corner (- 3dB )frequency
input Output
High-level input voltage VDD = 5V
High-level input voltage VDD = 5V
Low level input voltage VDD = 5V,
Low level input voltage VDD = 5V,
High-level output voltage Iout = +5 mA
High-level output voltage Iout = +5 mA
Low Output Voltage Iout = -5 mA
Low Output Voltage Iout = -5 mA
Input leakage current
Digital output pin capacitance
2.3 Switching Characteristics
2.3 Switching Characteristics
SEL Is an input port, CF , CF1 Output pulse duty cycle of 50% .
SEL Is an input port, CF , CF1 Output pulse duty cycle of 50% .
SEL Is an input port, CF , CF1 Output pulse duty cycle of 50% .
SEL Is an input port, CF , CF1 Output pulse duty cycle of 50% .
SEL Is an input port, CF , CF1 Output pulse duty cycle of 50% .
SEL Is an input port, CF , CF1 Output pulse duty cycle of 50% .
SEL Is an input port, CF , CF1 Output pulse duty cycle of 50% .
SEL Is an input port, CF , CF1 Output pulse duty cycle of 50% .
VREF
+2.3
+2.43
+2.55
V
TCVREF
-
25
-
ppm/℃
MCLK
3.04
3.579
4.12
MHz
30
50
70
%
-
DCLK/4
-
Hz
OWR
-
DCLK/128
-
Hz
-
0.543
-
Hz
VIH
0.8VDD
-
-
V
VIL
-
-
0.8
V
VOH
VDD-0.5
-
-
V
VOL
-
-
0.5
V
Iin
-
±
10
-
µA
COUT
-
5
-
pF




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl