Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


CSE7759B Datasheet(PDF) 6 Page - Core Technology (Shenzhen) Co., Ltd.

Part No. CSE7759B
Description  Calibration-free Electric Energy Measuring Chip
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Homepage  http://www.chipsea.com/
Logo 

 6 page
background image
本资料为芯海科技专有财产,非经许可,不得复制、翻印或转变其他形式使用。
This document is exclusive property of CHIPSEA and shall not be reproduced or copied or transformed to any other format
without prior permission of CHIPSEA
聚点滴之芯.成浩瀚之海
6/25
2
Characteristic Description of the Chip
2.1 Absolute Maximum Ratings
Parameters
Symbol
Min.
Value
Typica
l Value
Max.
Value
Unit
power supply
VDD
-0.3
-
+6.0
V
V1P, V1N, V2P
-2
+2
V
Analog input voltage
VINA
-0.3
-
VDD+0.3
V
Digital input voltage
VIND
-0.3
-
VDD+0.3
V
Digital output voltage
VOUTD
-0.3
-
VDD+0.3
V
Operating ambient temperature
TA
-40
-
85
°C
Storage temperature
Tstg
-65
-
150
°C
2.2 Recommended Operating Conditions
Parameters
Symbol
Min.
Value
Typical
Value
Max.
Value
Unit
power range
VDD
4.5
5.0
5.5
V
Temperature range
TA
-40
-
85
2.3 Analog Characteristics
VDD = 5V,GND = 0V,25℃ (unless otherwise stated)
Parameters
Symbo
l
Min.
Value
Typical
Value
Max.
Value
Unit
Analog input (all channels)
Common-mode signal
-1
-
1
V
Analog input
Crosstalk to voltage channel in full
range (50, 60Hz)
-
-100
-
dB




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl