Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSE7759B Datasheet(PDF) 20 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CSE7759B
Description  Calibration-free Electric Energy Measuring Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CSE7759B Datasheet(HTML) 20 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CSE7759B Datasheet HTML 16Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 17Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 18Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 19Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 20Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 21Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 22Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 23Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 24Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
本资料为芯海科技专有财产,非经许可,不得复制、翻印或转变其他形式使用。
This document is exclusive property of CHIPSEA and shall not be reproduced or copied or transformed to any other format
without prior permission of CHIPSEA
聚点滴之芯.成浩瀚之海
20/25
1
1
0
Calibration
disabled
Allowable calibration times are 6 at present. The chip will be calibrated before it is
delivered.
3.6.2 Delivery Calibration Parameters as Well as Current, Voltage and Power Formula of
the Chip
Delivery calibration parameter of CSE7759B is 1mR manganin resistor (resistor at V1P and
V1N will be identified as V1R hereunder) at V1P and V1N, and is 1M resistor at V2P (resistor at
V2P will be identified as V2R hereunder) and input load signal is 5A, 220V(see Figure 2). Thus,
V1R and V2R may be neglected when calculating if external hardware is consistent with
calibration parameter upon delivery.
◆Current calculation formula:
Measured current Ix(A)=
current coefficient (hexadecimal number)
current cycle (hexadecimal number) ∗ V1R
◆Voltage calculation formula:
Measured voltage Ux(V)=
voltage coefficient (hexadecimal number) ∗ V2R
voltage cycle (hexadecimal number)
◆Power calculation formula:
Measured power Px(W)=
Power coefficient(hexadecimal number) ∗ V2R
Power cycle (hexadecimal number) ∗ V1R
Note: If the parameter at V1P and V1N is 1mR manganin resistor, V1R=1; if the parameter
at V1P and V1N is 2mR manganin resistor, V1R=2 and so forth; if the parameter at V2P is 1M
resistor, V2R=1; if the parameter at V2P is 2M resistor, V2R=2 and so forth.
It is only the chip that is calibrated upon delivery calibration rather than complete machine.
Thus, little error will exist (different from the noise generated by PCB; the error range is
different tool). If the error is unacceptable to the user after testing, it may be calibrated by the
user. Consult to the Company for details.
3.7 Electric Quantity Calculation
3.7.1 Frequency of CF


Similar Part No. - CSE7759B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSE7759B ETC1-CSE7759B Datasheet
755Kb / 20P
   Calibration-free energy metering chip
More results

Similar Description - CSE7759B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSE7759B ETC1-CSE7759B Datasheet
755Kb / 20P
   Calibration-free energy metering chip
logo
Hotchip Technology Co.,...
HT3692D HOTCHIP-HT3692D Datasheet
962Kb / 7P
   Electric Power Detection, Battery Energy Display
logo
Toshiba Semiconductor
TPS816 TOSHIBA-TPS816 Datasheet
145Kb / 6P
   LEAD FREE PRODUCT PHOTO-ELECTRIC SWITCHES
logo
TOKYO SEIMITSU CO., LTD
HOLOS ACCRETECH-HOLOS Datasheet
376Kb / 4P
   Free-form Curved Surface Measuring Program
XYZAXMJUNEX ACCRETECH-XYZAXMJUNEX Datasheet
588Kb / 4P
   Compact CNC coordinate measuring machine which realizes energy saving with stable measuring accuracy
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
logo
ams AG
AS8168 AMSCO-AS8168 Datasheet
250Kb / 30P
   Single Phase Average Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
logo
STMicroelectronics
STPM11 STMICROELECTRONICS-STPM11_08 Datasheet
1Mb / 45P
   Single phase energy metering IC with pulsed output and digital calibration
logo
ams AG
AS8118 AMSCO-AS8118_1 Datasheet
287Kb / 30P
   Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
AS8118 AMSCO-AS8118 Datasheet
36Kb / 1P
   Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com