Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


H27UCG8T2BTR-BC Datasheet(PDF) 12 Page - Hynix Semiconductor

Part No. H27UCG8T2BTR-BC
Description  64Gb(8192M x 8bit) MLC NAND Flash
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

 12 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
12
FUNCTION
1st
Cycle
Number
of
Address
cycles
Data
Input
cycles
2nd
Cycle
Number
of
Address
cycles
Data
input
cycles
3rd
Cycle
Acceptable
command
During
busy
PAGE READ
00h
5
-
30h
-
-
-
No
READ FOR COPY-BACK
00h
5
-
35h
-
-
-
No
RANDOM DATA OUTPUT1)
05h
2
-
E0h
-
-
-
No
SINGLE/MULTI-PLANE
CACHE READ 5)
31h
-
-
-
-
-
-
No
SINGLE/MULTI-PLANE
CACHE READ END 5)
3Fh
-
-
-
-
-
-
No
READ ID
90h
1
-
-
-
-
-
No
READ STATUS REGISTER
70h
-
-
-
-
-
-
Yes
PAGE PGM (start)/
CACHE PGM 5) (end)
80h
5
Yes
10h
-
-
-
No
RANDOM DATA INPUT1)
85h
2
Yes
-
-
-
-
No
COPY-BACK PGM
85h
5
option
10h
-
-
-
No
CACHE PGM (start)5)
80h
5
Yes
15h
-
-
-
No
BLOCK ERASE
60h
3
-
D0h
-
-
-
No
RESET
FFh
-
-
-
-
-
-
Yes
MULTI-PLANE PAGE READ
60h
3
-
60h
3
-
30h
No
MULTI-PLANE CACHE READ
START 5) 6)
60h
3
-
60h
3
-
33h
No
MULTI-PLANE READ FOR
COPY-BACK
60h
3
-
60h
3
-
35h
No
MULTI-PLANE BLOCK ERASE
60h
3
-
60h
3
-
D0h
No
MULTI-PLANE RANDOM
DATA OUTPUT 1) 3)
00h
5
-
05h
2
-
E0h
No
MULTI-PLANE READ
STATUS REGISTER
78h
3
-
-
-
-
-
Yes
MULTI-PLANE READ
STATUS REGISTER (legacy)
75h
-
-
-
-
-
-
Yes
MULTI-PLANE PAGE PGM/
MULTI-PLANE CACHE PGM
(end)
80h
5
Yes
11h-81h 2)
5
Yes
10h
No
MULTI-PLANE COPY-BACK
PGM
85h
5
option 11h-81h 2)
5
option
10h
No
MULTI-PLANE CACHE PGM
(start) 5)
80h
5
Yes
11h-81h 2)
5
Yes
15h
No
CACHE READ ENHANCED
00h
5
-
31h
-
-
-
No
MULTI-PLANE CACHE READ
ENHANCED
60h
3
-
60h
3
-
31h
No
1.9. Command Set




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl