Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


H27UCG8T2BTR-BC Datasheet(PDF) 16 Page - Hynix Semiconductor

Part No. H27UCG8T2BTR-BC
Description  64Gb(8192M x 8bit) MLC NAND Flash
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

 16 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
16
Symbol
Min
Typ
Max
Unit
Valid Block Number
NVB
2046
2132
Blocks
Notes:
1. The 1st block is guaranteed to be a valid block at the time of shipment.
2. This single device has a maximum of 86 invalid blocks.
3. Invalid blocks are one that contains one or more bad bits. The device may contain bad blocks on shipment.
Symbol
Parameter
Value
Unit
Min
TA
Ambient Operating Temperature
(Commercial Temperature Range)
0 to 70
Ambient Operating Temperature
(Extended Temperature Range)
-25 to 85
Ambient Operating Temperature
(Industrial Temperature Range)
-40 to 85
TBIAS
Temperature Under Bias
-50 to 125
TSTG
Storage Temperature
-65 to 150
VIO
Input or Output Voltage
-0.6 to 4.6
V
VCC
Supply Voltage
-0.6 to 4.6
V
Notes:
1. Except for the rating “Operating Temperature Range”, stresses above those listed in the Table
“Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only and operation of the device at these or any other conditions above those indicated in the
Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Refer also to the SK hynix SURE Program and other relevant quality documents.
2. Minimum voltage may undershoot to -2V during transition and for less than 20ns during transitions.
Maximum voltage may overshoot to Vcc+2V during transition and for less than 20ns during transitions.
2. Electrical Characteristics
2.1. Valid Blocks
2.2. Absolute Maximum Rating




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl