Electronic Components Datasheet Search
Selected language     English  β–Ό
Advanced Search

              



Part Name


H27UCG8T2BTR-BC Datasheet(PDF) 21 Page - Hynix Semiconductor

Part No. H27UCG8T2BTR-BC
Description  64Gb(8192M x 8bit) MLC NAND Flash
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

 21 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
21
I/O
Page
Program
Block
Erase
Read
Cache
Read
Cache
Program
Coding
75h
0
/ Fail
/ Fail
N/A
N/A
Chip
Pass /
Fail (N)
N page
Pass : β€ž0β€Ÿ Fail : β€ž1β€Ÿ
1
Plane 0
Pass / Fail
Plane 0
Pass / Fail
N/A
N/A
Plane 0
Pass /
Fail (N)
N page
Pass : β€ž0β€Ÿ Fail : β€ž1β€Ÿ
2
Plane 1
Pass / Fail
Plane 1
Pass / Fail
N/A
N/A
Plane 1
Pass /
Fail (N)
N page
Pass : β€ž0β€Ÿ Fail : β€ž1β€Ÿ
3
N/A
N/A
N/A
N/A
Plane 0
Pass /
Fail (N-1)
N -1 page
Pass : β€ž0β€Ÿ Fail : β€ž1β€Ÿ
4
N/A
N/A
N/A
N/A
Plane 1
Pass /
Fail (N-1)
N -1 page
Pass : β€ž0β€Ÿ Fail : β€ž1β€Ÿ
5
N/A
N/A
N/A
Ready /
Busy
Ready /
Busy
Ready / Busy
Busy : β€ž0β€Ÿ Ready : β€ž1β€Ÿ
6
Ready /
Busy
Ready /
Busy
Ready /
Busy
Ready /
Busy
Ready /
Busy
Data Cache
Ready / Busy
Busy : β€ž0β€Ÿ Ready : β€ž1β€Ÿ
7
Write
Protect
Write
Protect
Write
Protect
Write
Protect
Write
Protect
Protected : β€ž0β€Ÿ
Not Protected : β€ž1β€Ÿ
Parameter
Symbol
Device Identifier Byte
Description
1st
Manufacturer Code
2nd
Device Identifier
3rd
Internal chip number, cell Type, Number of Simultaneously
Programmed Pages, Interleaved Program, Write Cache.
4th
Page size, Block size, Redundant area size
5th
Plane Number, ECC Level
6th
Technology (Design Rule), EDO, Interface
2.8.2. Status Register Coding For 75h command
2.9. Device Identifier Coding




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl