Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


H27UCG8T2BTR-BC Datasheet(PDF) 22 Page - Hynix Semiconductor

Part No. H27UCG8T2BTR-BC
Description  64Gb(8192M x 8bit) MLC NAND Flash
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

 22 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
22
Part Number
Voltage
Bus
Width
Manufacture
Code
Device
Code
3rd
4th
5th
6th
H27UCG8T2B
3.3V
X8
ADh
DEh
94h
EBh
74h
44h
3rd cycle
Description
I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0
Internal Chip Number / CE
1
2
4
8
0
0
1
1
0
1
0
1
Cell Type
2 Level Cell
4 Level Cell
8 Level Cell
16 Level Cell
0
0
1
1
0
1
0
1
Number of Simultaneously
Programmed Pages
1
2
4
8
0
0
1
1
0
1
0
1
Interleaved Program
Between Multiple die
Not
Supported
0
1
Write Cache
Not
Supported
0
1
2.10. Read ID Data Table
2.10.1. 3rd Byte of Device Identifier Description
2.10.2. 4th Byte of Device Identifier Description
4th cycle
Description
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
Page Size
(Without Spare Area)
2KB
4KB
8KB
16KB
0
0
1
1
0
1
0
1
Block Size
(Without Spare area)
128KB
256KB
512KB
768KB
1MB
2MB
4MB
Reserved
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Redundant Area Size /
8KB
640Bytes
448Bytes
224Bytes
128Bytes
64Byte
32Byte
16Byte
Reserved
1
0
0
0
0
1
1
1
1
1
0
0
1
0
0
1
0
0
1
0
1
0
1
1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl