Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


H27UCG8T2BTR-BC Datasheet(PDF) 23 Page - Hynix Semiconductor

Part No. H27UCG8T2BTR-BC
Description  64Gb(8192M x 8bit) MLC NAND Flash
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

 23 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
23
5th cycle
Description
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
Plane Number /
CE
16
2
4
8
0
0
1
1
0
1
0
1
ECC Level
None
1bit/512Bytes
2bit/512Bytes
4bit/512Bytes
8bit/512Bytes
24bit/1KBytes
32bit/1KBytes
40bit/1KBytes
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Reserved
0
0
0
2.10.3. 5th Byte of Device Identifier Description
2.10.4. 6th Byte of Device Identifier Description
6th cycle
Description
I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0
NAND Technology
48nm
41nm
32nm
26nm
20nm
Reserved
Reserved
Reserved
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
EDO Support
Not Support
Support
0
1
NAND Interface
Async. Only
Async. & Sync. Interface
Reserved
0
0
0
0




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl