Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


H27UCG8T2BTR-BC Datasheet(PDF) 3 Page - Hynix Semiconductor

Part No. H27UCG8T2BTR-BC
Description  64Gb(8192M x 8bit) MLC NAND Flash
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HYNIX [Hynix Semiconductor]
Homepage  http://www.skhynix.com/ko/index.jsp
Logo 

 
 3 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
3
Product Feature
Multi Level Cell (MLC) Technology
Power Supply Voltage
- VCC / VCCq= 2.7V ~ 3.6V
Organization
- Page Size : 16,384 + 1,280(Spare) bytes
- Block Size : 4M + 320K bytes, 256pages
- Plane Size : 1024 + 42(Extended) blocks
- Device Size : 2048 + 84(Extended) blocks
Page Read Time
- Random Read Time (tR) : 65us
- Sequential Access (tRC/tWC) : 16ns(Min.)
Page Write Time
- Page Program Time : 1500(Typ.)
Block Erase Time
- Block Erase Time : 5.0ms(Typ.)
Hardware Data Protection
- Program/Erase locked during power transitions
Package
- Package type : TSOP
- Chip count : SDP
- Pin(Ball) count : 48
- Size : 12mm x 20mm x 1.2mm
Electronic Signature
- 1st cycle : Manufacturer code
- 2nd cycle : Device code
- 3rd cycle : Internal chip number, Cell type,
Number of simultaneously programmed pages
- 4th cycle : Page size, Block size, Organization,
Spare size
- 5th cycle : Multi-plane information
- 6th cycle : Technology, EDO, Interface
Reliability
- TBD




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl