Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H27UCG8T2BTR-BC Datasheet(PDF) 49 Page - Hynix Semiconductor

Part # H27UCG8T2BTR-BC
Description  64Gb(8192M x 8bit) MLC NAND Flash
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H27UCG8T2BTR-BC Datasheet(HTML) 49 Page - Hynix Semiconductor

Back Button H27UCG8T2BTR-BC Datasheet HTML 45Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 46Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 47Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 48Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 49Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 50Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 51Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 52Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 53Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
49
Figure 46 : Multi plane Copy-back program
4.14. Multi-Plane Copy-Back Program
Multi-Plane Copy-Back Program is an extension of Copy-Back Program, for a single plane with 17,664byte page
registers. Since the device is equipped with two memory planes, activating the two sets of 17,664byte page
registers enables a simultaneous programming of two pages. Figure 46 and Figure 47 show command sequence
for the multi-plane copy-back operation. First case, Figure 46, shows random data input of two planes that
started right after finishing random data output of previous two planes. Second case, Figure 47, shows the
random data input of each plane which started right after finishing the random data output of each plane


Similar Part No. - H27UCG8T2BTR-BC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H27UCG8T2B HYNIX-H27UCG8T2B Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results

Similar Description - H27UCG8T2BTR-BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S846-SAS ETC2-S846-SAS Datasheet
250Kb / 2P
   MLC Nand Flash
logo
Hynix Semiconductor
H27UAG8T2B HYNIX-H27UAG8T2B Datasheet
1Mb / 61P
   16Gb (2048M x 8bit) NAND Flash
logo
Toshiba Semiconductor
TH58V128FT TOSHIBA-TH58V128FT Datasheet
1Mb / 32P
   128Mbit (16M x 8bit) CMOS NAND E2PROM
logo
Hynix Semiconductor
H27U1G8F2B HYNIX-H27U1G8F2B Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
logo
Toshiba Semiconductor
TC5832DC TOSHIBA-TC5832DC Datasheet
1Mb / 38P
   32 MBIT (4M x 8BIT) CMOS NAND E2PROM
TH58V128DC TOSHIBA-TH58V128DC Datasheet
1Mb / 32P
   128 Mbit (16M x 8bit) CMOS NAND E2PROM (16M BYTE SmartMedia??
logo
WAGO Kontakttechnik Gmb...
752-9400 WAGO-752-9400 Datasheet
277Kb / 3P
   Edge Computer; 2 x ETHERNET, 4 x USB, HDMI, DP; 4GB RAM; 64GB FLASH
752-9401 WAGO-752-9401 Datasheet
277Kb / 3P
   Edge Computer; 2 x ETHERNET, 4 x USB, HDMI, DP; 8GB RAM; 64GB FLASH
logo
Samsung semiconductor
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com