Electronic Components Datasheet Search
Selected language     English  â–¼
Advanced Search

              



Part Name


RT6203B Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part No. RT6203B
Description  5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHTEK [Richtek Technology Corporation]
Homepage  http://www.richtek.com
Logo 

 14 page
background image
RT6203B
14
DS6203B-01 July 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
I2C Interface Function
The 7-bit address of the RT6203B with a WRITE operation bit can become an 8 bits I2C address byte. By using user-
selectable A1 and A0 pins, there will be up to 4 the RT6203Bs been controlled on the same serial bus. Table 1 explains
how to use A1/A0 and the range of the RT6203B address.
Application Information
A1
A0
RT6203 Address
(Binary)
RT6203 Address (Hex)
GND (0)
GND (0)
01101000
68h
GND (0)
Pull high (1)
01101010
6Ah
Pull high (1)
GND (0)
01101100
6Ch
Pull high (1)
Pull high (1)
01101110
6Eh
Table 1. Selectable RT6203B Address by using A1 and A0 pins
Table 2 is the structure of the RT6203B Data Byte. Bit0 to Bit6 are the 7-bit code for one of 77 output voltage and special
function. After the soft-start time, Master can sent 8 bits data to control the VOUT of the RT6203B. The voltages can be
selected from table 3 and table 4 shows how to use special function. The bit7 is check-sum bit and Master should set
this bit to be the Exclusive-OR of [Bit6:Bit0]. In other words, the sum is even. If not, the RT6203B will not send an ACK
bit.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ChkSum
D6
D5
D4
D3
D2
D1
D0
Table 2. Structure of RT6203B Data Byte




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl