Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


RT6203B Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part No. RT6203B
Description  5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHTEK [Richtek Technology Corporation]
Homepage  http://www.richtek.com
Logo 

 16 page
background image
RT6203B
16
DS6203B-01 July 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 4 shows special codes and relative function. Special
codes are valid during the soft-start time.
1111111 : The VOUT is controlled by I2C codes. If users
want VOUT to be controlled by external resistor divider, it
can be done by sending the special code.
1110000 to 1110010 : To change the over current limit level.
1110011 to 1110101 : To change the over temperature
protection level.
Special Codes
Function
1111111
Disable VID, return to FB control
1110000
OC = 7A (default)
1110001
OC = 5A
1110010
OC = 3A
1110011
OT = 150°C (default)
1110100
OT = 130°C
1110101
OT = 110°C
1110110
Shutdown code
1110111
Start-up code
1111000
PGOOD fault delay set to 0
s
1111001
PGOOD fault delay set to 10
s (default)
1111010
PGOOD fault delay set to 20
s
1111011
PGOOD fault delay set to 40
s
1100001
VOUT slew rate = 10mV/1s (default)
1100010
VOUT slew rate = 10mV/2s
1100011
VOUT slew rate = 10mV/3s
1100100
VOUT slew rate = 10mV/4s
1100101
VOUT slew rate = 10mV/5s
1100110
VOUT slew rate = 10mV/6s
1100111
VOUT slew rate = 10mV/7s
1101000
VOUT slew rate = 10mV/8s
Table 4. Special Function
1110110 to 1110111 : To shut down and start up IC.
1111000 to 1111011 : When VOUT is changed for a large
step, especially at light load conditions, it maybe need a
long setting time. It is easy to trig UV/OV function and
will cause the fault power good signal. Users can use the
special codes to set the PGOOD delay time to avoid
undesired behavior.
1100001 to 1101000 : To change the VOUT slew rate when
it is controlled from low level voltage to high level voltage.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl