Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


LTM220MT05 Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. LTM220MT05
Description  color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

 
 3 page
background image
3/34
Page
LTM220MT05
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
! Workstation & desktop monitors
! Display terminals for AV application products
! Monitors for industrial machine
* If the module is used to other applications besides the above, please contact SEC
in advance.
Features
General Description
Description
Applications
General Information
! High contrast ratio, high aperture structure
! TN (Twisted Nematic) mode
! Wide Viewing Angle
! High speed response
! WSXGA+ (1680 x 1050 pixels) resolution
! Low power consumption
! 2 CCFLs (Cold Cathode Fluorescent Lamp)
! DE (Data Enable) only mode
! LVDS (Low Voltage Differential Signaling) interface (2pixel/clock)
! Compact Size Design
! RoHS, TCO 03’ compliance
W
22.0(Typ.)
Power Consumption
mm
0.282(H) x 0.282(W)
Pixel Pitch
mm
473.76(H) x 296.1(V)
Active Display Area
Note
Haze 25% Hard coating (3H)
Surface Treatment
cd/
250(Typ.)
Luminance of White
Normally White
Display Mode
RGB vertical stripe
Pixel Arrangement
pixel
1,680 x 1,050
Number of Pixels
colors
16.7M (Hi-FRC)
Display Colors
Unit
Specification
Items
LTM220MT05 is a color active matrix liquid crystal display (LCD) that uses amorphous
silicon TFT (Thin Film Transistor) as switching components. This model is composed of
a TFT LCD panel, a driver circuit and a back light unit. The resolution of a 22” is 1680 x
1050 and this model can display up to 16.7 millions colors.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl