Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


LTM220MT05 Datasheet(PDF) 4 Page - Samsung semiconductor

Part No. LTM220MT05
Description  color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

 
 4 page
background image
4/34
Page
LTM220MT05
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
Mechanical Information
(1)
V
5.5
Vss-0.5
V
DD
Power Supply Voltage
V
5
-
V
sig
Data Signal
(4)(5)
G
1.0
-
V
nop
Vibration ( non - operating )
(3)(5)
G
50
-
S
nop
Shock ( non - operating )
(2)
50
0
T
OPR
Center of Glass surface temperature
(Operation)
(2)
60
-25
T
STG
Storage temperature
Note
Unit
Max.
Min.
Symbol
Item
1. Absolute Maximum Ratings
If the condition exceeds maximum ratings, it can cause malfunction or unrecoverable
damage to the device.
Note (1) Ta= 25
2 C
Note (1) Mechanical tolerance is
0.5mm unless there is a special comment.
2,600
17.0
320.6
494.2
Max.
LCD module only
g
-
-
Weight
mm
-
-
Depth (D)
mm
320.1
319.6
Vertical (V)
w/o inverter assā€™y
mm
493.7
493.2
Horizontal (H)
Module
size
Note
Unit
Typ.
Min.
Item




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl