Electronic Components Datasheet Search
Selected language     English  â–¼
Advanced Search

              



Part Name


LTM220MT05 Datasheet(PDF) 8 Page - Samsung semiconductor

Part No. LTM220MT05
Description  color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

 8 page
background image
8/34
Page
LTM220MT05
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
Note (2) Definition of test point
Note (3) Definition of Contrast Ratio (C/R)
: Ratio of gray max (Gmax) & gray min (Gmin) at the center point
of the panel
Note (4) Definition of 9 points brightness uniformity
Note (5) Definition of Response time : Sum of Tr, Tf
Buni
BB
B
=
Ă—
−
100
(max
min)
max
Bmax : Maximum brightness
Bmin : Minimum brightness
CR
G
G
=
max
min
Gmax : Luminance with all pixels white
Gmin : Luminance with all pixels black
100%
90%
10%
0%
Optical Instruments
Response
Display Data
White(TFT off)
Black(TFT on)
White(TFT off)
6
8
7
9
3
2
1
4
5
168
840
1512
105
525
945
Active Area
: Test Point




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl