Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


LTM220MT05 Datasheet(PDF) 11 Page - Samsung semiconductor

Part No. LTM220MT05
Description  color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

 11 page
background image
11/34
Page
LTM220MT05
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
3.1 TFT LCD Module
The connector for display data & timing signal should be connected.
Ta = 25 C
Common mode
voltage
Input voltage range
(single-ended)
Differential input
voltage
LVDS skew
Differential Input
Voltage for LVDS
Receiver Threshold
(4)
V
2.4
0
V
IN
(4)
V
2.4-
|V
ID|/2
1.2
0+
|V
ID|/2
V
CM
(4)
mV
600
200
|V
ID|
(3)
ps
300
-300
t
SKEW
(7)
A
4.0
-
-
I
RUSH
Rush Current
MHz
75.5
59.6
52.6
f
DCLK
Main Frequency
kHz
83.2
64.8
57.2
f
H
Hsync Frequency
Hz
76
60
50
f
V
Vsync Frequency
mA
2,300
1,900
-
(c) Dot
mA
-
1,000
-
(b) White
(5),(6)
mA
-
1,700
-
I
DD
(a) Black
Current of
Power
Supply
mV
-
-
-100
Low
(2)
mV
+100
-
-
High
LVDS
Input
Characteri
stics
(1)
V
5.5
5.0
4.5
V
DD
Voltage of Power Supply
Note
Unit
Max.
Typ.
Min.
Symbol
Item
Note (1) The ripple voltage should be controlled under 10% of V
DD.
3. Electrical Characteristics




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl