Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


LTM220MT05 Datasheet(PDF) 17 Page - Samsung semiconductor

Part No. LTM220MT05
Description  color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

 17 page
background image
17/34
Page
LTM220MT05
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
5.1. Input Signal & Power ( Connector : UJU IS100-L30O-C23 or Compatible )
* If the system already uses the 25, 26pins, it should keep under GND level
The voltage applied to those pins should not exceed -200mV.
5. Input Terminal Pin Assignment
Power Supply : +5V
Negative LVDS differential data output
Positive LVDS differential data output
VDD
30
VDD
29
VDD
28
No Connection
NC
27
* CTL (For LCD internal use only. Do not connect)
NC
26
* CE (For LCD internal use only. Do not connect)
NC
25
Ground
GND
24
Positive LVDS differential data output
RXE3P
23
Negative LVDS differential data output
RXE3N
22
Positive Sampling Clock (EVEN data)
RXEC+
21
Negative Sampling Clock (EVEN data)
RXEC-
20
Positive LVDS differential data output
RXE2P
19
Negative LVDS differential data output
RXE2N
18
Ground
GND
17
Positive LVDS differential data output
RXE1P
16
Negative LVDS differential data output
RXE1N
15
Ground
GND
14
Positive LVDS differential data output
RXE0P
13
Negative LVDS differential data output
RXE0N
12
Positive LVDS differential data output
RXO3P
11
Negative LVDS differential data output
RXO3N
10
Positive Sampling Clock (ODD data)
RXOC+
9
Negative Sampling Clock (ODD data)
RXOC-
8
Ground
GND
7
Positive LVDS differential data output
RXO2P
6
Negative LVDS differential data output
RXO2N
5
Positive LVDS differential data output
RXO1P
4
RXO1N
3
RXO0P
2
Negative LVDS differential data output
RXO0N
1
FUNCTION
SYMBOL
PIN NO




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl