Electronic Components Datasheet Search
Selected language     English  ā–¼
Advanced Search

              



Part Name


LTM220MT05 Datasheet(PDF) 26 Page - Samsung semiconductor

Part No. LTM220MT05
Description  color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

 26 page
background image
26/34
Page
LTM220MT05
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
6.1 Timing Parameters ( DE only mode )
6. Interface Timing
clocks
1004
920
913
T
H
Horizontal
Total
clocks
840
840
840
T
HD
Active
Display
Period
Horizontal
Display Term
-
lines
1100
1080
1059
T
V
Vertical Total
-
lines
1050
1050
1050
T
VD
Active
Display
Period
Vertical
Display Term
-
Hz
77
60
50
F
V
Vsync
-
KHz
83.2
64.8
57.2
F
H
Hsync
-
MHz
75.5
59.6
52.6
1/T
C
Frequency
Clock
NOTE
Unit
MAX.
TYP.
MIN.
SYMBOL
ITEM
SIGNAL
Note (1) This product is DE only mode. The input of Hsync & Vsync signal does
not have an effect on normal operation.
(2) Test Point : TTL control signal and CLK at LVDS Tx input terminal in system
(3) Internal Vcc = 3.3V
(4) Best operation clock frequency is 59.6MHz (60Hz)
(5) Clock frequency = Frame frequency x T
V(Typ) x TH(Typ)
(6) Max, Min variation range is at main clock Typ value (59.6MHz).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl