Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


IMX290LQR Datasheet(PDF) 2 Page - Sony Corporation

Part No. IMX290LQR
Description  Diagonal 6.46 mm (Type 1/2.8) Square Pixel Array Color CMOS Image Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

   
 2 page
background image
*Sony reserves the right to change products and specifications without prior notice.
<Table 1> Device Structure
<Table 2> Image Sensor Characteristics
Item
Item
Value
Remarks
IMX290LQR / IMX291LQR
<Photograph 1> IMX290LQR Sample Image
Output Image size
Number of effective pixels
Unit cell size
Optical blacks
Horizontal
Vertical
Input drive frequency
Package
Supply voltage VDD (Typ.)
Sensitivity (F5.6)
Saturation signal
Typ.
Min.
1300 mV
914 mV
1/30s accumulation
Tj = 60 °C
Diagonal 6.46 mm (Type 1 / 2.8) (Full HD mode)
Diagonal 4.31 mm (Type 1 / 4.2) (HD720p mode)
1945 (H) × 1097 (V) approx. 2.13M pixels
1305 (H) × 729 (V) approx. 0.95M pixels
2.9 μm (H) × 2.9 μm (V)
Front: 0 pixels, rear: 0 pixels
Front:10 pixels, rear: 0 pixels
74.25 MHz / 37.125 MHz
110-pin LGA
2.9 V / 1.8 V / 1.2 V
Condition1: 0.08 lx F1.4 (Full HD image, 30 frames/s)
Condition: 400 lx F1.4 (Full HD image, 60 frames/s)
Condition 2: 0 lx (850 nm IR) F1.4 (Full HD image, 30 frames/s)
<Table 3> Basic Drive Mode
Drive mode
Interface
Frame rate
(Max.)
Bit rate
(Max.)
ADC
HD720p
Low voltage LVDS
serial 8 ch
10 bit
120 frame/s
445.5 Mbps/ch
222.75 Mbps/ch
891 Mbps/lane
74.25 Mpixel/s
445.5 Mbps/lane
594 Mbps/ch
297 Mbps/ch
594 Mbps/lane
74.25 Mpixel/s
297 Mbps/lane
60 frame/s
120 frame/s
30 frame/s
60 frame/s
120 frame/s
60 frame/s
120 frame/s
60 frame/s
60 frame/s
12 bit
10 bit
12 bit
10 bits / 12 bits
10 bit
12 bit
10 bit
12 bit
10 bits / 12 bits
Low voltage LVDS
serial 8 ch
CSI-2 4 lane
CSI-2 4 lane
CSI-2 4 lane
CMOS parallel
Low voltage LVDS
serial 4 ch
Low voltage LVDS
serial 4 ch
CSI-2 4 lane
CMOS parallel
1080p
Full HD
1080p
IMX290LQR (Internal gain 0 dB)
Existing IMX236LQJ
Internal gain 48 dB
IMX290LQR
Internal gain 63 dB
Existing IMX236LQJ
Internal gain 0 dB
IMX290LQR
Internal gain 0 dB
<Photograph 2> Comparisons with the Existing Sony Product




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl