Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


FP6291 Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part No. FP6291
Description  1MHz, 2.5A Step-Up Current Mode PWM Converter
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FEELING [Feeling Technology Corp.]
Homepage  http://www.feeling-tech.com.tw/
Logo 

 
 3 page
background image
FP6291
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
3/11
Marking Information
SOT23-6L
Lot Number
Part Number Code
Year
AL986
Lot Number: Wafer lot number’s last two digits
For Example: 132386TB  86
Year: Production year’s last digit
Part Number Code: Part number identification code for this product. It should be always “AL”.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl