Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6291 Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FP6291
Description  1MHz, 2.5A Step-Up Current Mode PWM Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6291 Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FP6291 Datasheet HTML 1Page - Feeling Technology Corp. FP6291 Datasheet HTML 2Page - Feeling Technology Corp. FP6291 Datasheet HTML 3Page - Feeling Technology Corp. FP6291 Datasheet HTML 4Page - Feeling Technology Corp. FP6291 Datasheet HTML 5Page - Feeling Technology Corp. FP6291 Datasheet HTML 6Page - Feeling Technology Corp. FP6291 Datasheet HTML 7Page - Feeling Technology Corp. FP6291 Datasheet HTML 8Page - Feeling Technology Corp. FP6291 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FP6291
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
4/11
Ordering Information
Part Number
Code Operating Temperature
Package
MOQ
Description
FP6291LR-G1
AL
-40
°C ~ 85°C
SOT23-6L
3000EA
Tape & Reel
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
0
6
V
LX Voltage
VLX
0
16
V
EN,FB Voltage
0
6
V
Power Dissipation
PD
SOT23-6L @TA=25
°C
455
mW
Thermal Resistance (Note1)
θJA
SOT23-6L
+220
°C / W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOP
-40
+85
°C
Storage Temperature
TST
-65
+150
°C
Lead Temperature
(soldering, 10 sec)
+260
°C
Note1:
θJA is measured in the natural convection at TA=25°C on a low effective thermal conductivity test
board of JEDEC 51-3 thermal measurement standard.
IR Re-flow Soldering Curve


Similar Part No. - FP6291

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP6290 FEELING-FP6290 Datasheet
796Kb / 12P
   Low-Noise Step-Up Current Mode PWM Converter
FP6290H FEELING-FP6290H Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
FP6290HdR-G1 FEELING-FP6290HdR-G1 Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
FP6290HXR-G1 FEELING-FP6290HXR-G1 Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
FP6290TR-LF FEELING-FP6290TR-LF Datasheet
796Kb / 12P
   Low-Noise Step-Up Current Mode PWM Converter
More results

Similar Description - FP6291

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3507 SEAWARD-SE3507 Datasheet
441Kb / 7P
   1MHz, 2.5A Step-up Current Mode PWM Converter
logo
SHOUDING Shouding Semic...
SD6271 SHOUDING-SD6271 Datasheet
426Kb / 9P
   1MHz, 2A Step-Up Current Mode PWM Converter
logo
Seaward Electronics Inc...
SE3508 SEAWARD-SE3508 Datasheet
537Kb / 7P
   1MHz, 5A Step-up Current Mode PWM Converter
logo
Feeling Technology Corp...
FP6293 FEELING-FP6293 Datasheet
659Kb / 13P
   1MHz, 3.5A Step-Up Current Mode PWM Converter
logo
SHOUDING Shouding Semic...
SX1301 SHOUDING-SX1301 Datasheet
2Mb / 8P
   1MHz 2A Step-Up Current Mode PWM Converter
SD6372 SHOUDING-SD6372 Datasheet
1Mb / 9P
   1MHz, 2A Step-Up Current Mode PWM Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1093 ETA-ETA1093 Datasheet
191Kb / 1P
   1MHz, Forced-PWM, High Output current Synchronous Step-Up Converter
logo
Feeling Technology Corp...
FP6290 FEELING-FP6290 Datasheet
796Kb / 12P
   Low-Noise Step-Up Current Mode PWM Converter
FP6290H FEELING-FP6290H Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
logo
ETA SOLUTIONS CO. LIMIT...
ETA1089 ETA-ETA1089 Datasheet
189Kb / 1P
   5V/2.5A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com